Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 106 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 102Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 103Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 104Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 105Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 106Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 107Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 108Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 109Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 212 page
background image
106
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 0000b
Table 92. UFNUML Register
UFNUML (S:BAh, Read-only) – USB Frame Number Low Register
Reset Value = 00h
Table 93. UFNUMH Register
UFNUMH (S:BBh, Read-only) – USB Frame Number High Register
Reset Value = 00h
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bits is always 0. Do not set this bit.
6 - 0
BYCT7:0
Byte Count
Byte count of a received data packet. This Byte count is equal to the number of
data Bytes received after the Data PID.
7654
3210
FNUM7
FNUM6
FNUM5
FNUM4
FNUM3
FNUM2
FNUM1
FNUM0
Bit
Number
Bit
Mnemonic
Description
7 - 0
FNUM7:0
Frame Number
Lower 8 bits of the 11-bit Frame Number.
7654
3210
-
-
CRCOK
CRCERR
-
FNUM10
FNUM9
FNUM8
Bit
Number
Bit
Mnemonic
Description
7 - 3
-
Reserved
The value read from these bits is always 0. Do not set these bits.
5CRCOK
Frame Number CRC OK Bit
Set by hardware after a non corrupted Frame Number in Start of Frame Packet is
received.
Updated after every Start Of Frame packet reception.
Note: The Start Of Frame interrupt is generated just after the PID receipt.
4
CRCERR
Frame Number CRC Error Bit
Set by hardware after a corrupted Frame Number in Start of Frame Packet is
received.
Updated after every Start Of Frame packet reception.
Note: The Start Of Frame interrupt is generated just after the PID receipt.
3-
Reserved
The value read from this bits is always 0. Do not set this bit.
2-0
FNUM10:8
Frame Number
Upper 3 bits of the 11-bit Frame Number. It is provided in the last received SOF
packet. FNUM does not change if a corrupted SOF is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com