Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 108 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 104Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 105Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 106Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 107Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 108Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 109Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 110Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 111Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 212 page
background image
108
4109J–8051–10/06
AT8xC51SND1C
15. MultiMedia Card Controller
The AT8xC51SND1C implements a MultiMedia Card (MMC) controller. The MMC is used to
store MP3 encoded audio files in removable Flash memory cards that can be easily plugged or
removed from the application.
15.1
Card Concept
The basic MultiMedia Card concept is based on transferring data via a minimum number of
signals.
15.1.1
Card Signals
The communication signals are:
•
CLK: with each cycle of this signal a one bit transfer on the command and data lines is done.
The frequency may vary from zero to the maximum clock frequency.
•
CMD: is a bi-directional command channel used for card initialization and data transfer
commands. The CMD signal has 2 operation modes: open-drain for initialization mode and
push-pull for fast command transfer. Commands are sent from the MultiMedia Card bus
master to the card and responses from the cards to the host.
•
DAT: is a bi-directional data channel. The DAT signal operates in push-pull mode. Only one
card or the host is driving this signal at a time.
15.1.2
Card Registers
Within the card interface five registers are defined: OCR, CID, CSD, RCA and DSR. These can
be accessed only by the corresponding commands.
The 32-bit Operation Conditions Register (OCR) stores the VDD voltage profile of the card. The
register is optional and can be read only.
The 128-bit wide CID register carries the card identification information (Card ID) used during
the card identification procedure.
The 128-bit wide Card-Specific Data register (CSD) provides information on how to access the
card contents. The CSD defines the data format, error correction type, maximum data access
time, data transfer speed, and whether the DSR register can be used.
The 16-bit Relative Card Address register (RCA) carries the card address assigned by the host
during the card identification. This address is used for the addressed host-card communication
after the card identification procedure.
The 16-bit Driver Stage Register (DSR) can be optionally used to improve the bus performance
for extended operating conditions (depending on parameters like bus length, transfer rate or
number of cards).
15.2
Bus Concept
The MultiMedia Card bus is designed to connect either solid-state mass-storage memory or I/O-
devices in a card format to multimedia applications. The bus implementation allows the cover-
age of application fields from low-cost systems to systems with a fast data transfer rate. It is a
single master bus with a variable number of slaves. The MultiMedia Card bus master is the bus
controller and each slave is either a single mass storage card (with possibly different technolo-
gies such as ROM, OTP, Flash etc.) or an I/O-card with its own controlling unit (on card) to
perform the data transfer.
The MultiMedia Card bus also includes power connections to supply the cards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com