Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 160 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 160 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 156Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 157Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 158Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 159Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 160Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 161Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 162Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 163Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 164Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 212 page
background image
160
4109J–8051–10/06
AT8xC51SND1C
When the slave address and the direction bit have been transmitted and an acknowledgment bit
has been received, the serial interrupt flag is set again and a number of status code in SSSTA
are possible. There are 40h, 48h or 38h for the master mode and also 68h, 78h or B0h if the
slave mode was enabled (SSAA = logic 1). The appropriate action to be taken for each of these
status code is detailed in Table 19-6. This scheme is repeated until a STOP condition is
transmitted.
SSPE and SSCR2:0 are not affected by the serial transfer and are not referred to in Table 19-6.
After a repeated START condition (state 10h) the controller may switch to the master transmitter
mode by loading SSDAT with SLA+W.
19.1.4
Slave Receiver Mode
In the slave receiver mode, a number of data Bytes are received from a master transmitter (see
Figure 19-5). To initiate the slave receiver mode, SSADR and SSCON must be loaded as
follows:
The upper 7 bits are the addresses to which the controller will respond when addressed by a
master. If the LSB (SSGC) is set, the controller will respond to the general call address (00h);
otherwise, it ignores the general call address.
SSCR2:0 have no effect in the slave mode. SSPE must be set to enable the controller. The
SSAA bit must be set to enable the own slave address or the general call address acknowledg-
ment. SSSTA, SSSTO and SSI must be cleared.
When SSADR and SSCON have been initialized, the controller waits until it is addressed by its
own slave address followed by the data direction bit which must be logic 0 (W) for operating in
the slave receiver mode. After its own slave address and the W bit has been received, the serial
interrupt flag is set and a valid status code can be read from SSSTA. This status code is used to
vector to an interrupt service routine, and the appropriate action to be taken for each of these
status code is detailed in Table 19-6 and Table 130. The slave receiver mode may also be
entered if arbitration is lost while the controller is in the master mode (see states 68h and 78h).
If the SSAA bit is reset during a transfer, the controller will return a not acknowledge (logic 1) to
SDA after the next received data Byte. While SSAA is reset, the controller does not respond to
its own slave address. However, the TWI bus is still monitored and address recognition may be
resumed at any time by setting SSAA. This means that the SSAA bit may be used to temporarily
isolate the controller from the TWI bus.
19.1.5
Slave Transmitter Mode
In the slave transmitter mode, a number of data Bytes are transmitted to a master receiver (see
Figure 19-6). Data transfer is initialized as in the slave receiver mode. When SSADR and
SSCON have been initialized, the controller waits until it is addressed by its own slave address
followed by the data direction bit which must be logic 1 (R) for operating in the slave transmitter
mode. After its own slave address and the R bit have been received, the serial interrupt flag is
set and a valid status code can be read from SSSTA. This status code is used to vector to an
interrupt service routine, and the appropriate action to be taken for each of these status code is
detailed in Table 130. The slave transmitter mode may also be entered if arbitration is lost while
the controller is in the master mode (see state B0h).
SSA6
SSA5
SSA4
SSA3
SSA2
SSA1
SSA0
SSGC
←⎯⎯⎯⎯⎯⎯⎯⎯⎯⎯
Own Slave Address
⎯⎯⎯⎯⎯⎯⎯⎯⎯⎯→
X
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
X
100
01
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com