Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 164 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 164 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 160Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 161Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 162Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 163Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 164Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 165Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 166Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 167Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 168Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 212 page
background image
164
4109J–8051–10/06
AT8xC51SND1C
Figure 19-5. Format and States in the Slave Receiver Mode
A
Data
68h
A
SLA
Reception of the own slave
address and one or more
Last data Byte received
is not acknowledged
Arbitration lost as master and
addressed as slave
Reception of the general call
address and one or more data Bytes
Arbitration lost as master and
addressed as slave by general call
Data
A
From master to slave
From slave to master
Any number of data Bytes and their associated
acknowledge bits
This number (contained in SSSTA) corresponds
to a defined state of the TWI bus
SW
60h
A
P or S
80h
A
nnh
Data
80h
A0h
88h
A
P or S
A
Data
78h
A
General Call
70h
A
P or S
90h
A
Data
90h
A0h
98h
A
P or S
data Bytes.
All are acknowledged
Last data Byte received
is not acknowledged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com