Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 162 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 162 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 158Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 159Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 160Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 161Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 162Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 163Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 164Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 165Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 166Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 212 page
background image
162
4109J–8051–10/06
AT8xC51SND1C
Figure 19-3. Format and States in the Master Transmitter Mode
Data
20h
A
SLA
08h
MT
MR
Successful transmis-
sion to a slave receiver
Next transfer started with
a repeated start condition
Not acknowledge received
after the slave address
Arbitration lost in slave
address or data Byte
Arbitration lost and
addressed as slave
Not acknowledge received
Data
A
From master to slave
From slave to master
Any number of data Bytes and their associated
acknowledge bits
This number (contained in SSSTA) corresponds
to a defined state of the TWI bus
SW
18h
A
P
28h
SLA
SW
R
A
P
10h
30h
A
P
38h
A or A
continues
Other master
38h
A or A
continues
Other master
68h
A
continues
Other master
78h B0h
nnh
after a data Byte
To corresponding
states in slave mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com