Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 168 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 168 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 164Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 165Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 166Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 167Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 168Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 169Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 170Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 171Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 172Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 212 page
background image
168
4109J–8051–10/06
AT8xC51SND1C
Table 128. Status for Slave Receiver Mode with Own Slave Address
Status
Code
SSSTA
Status of the TWI Bus
and TWI Hardware
Application Software Response
Next Action Taken by TWI Hardware
To/From SSDAT
To SSCON
SSSTA
SSSTO
SSI
SSAA
60h
Own SLA+W has been
received; ACK has
been returned
No SSDAT action
No SSDAT action
X
X
0
0
0
0
0
1
Data Byte will be received and NOT ACK will be
returned.
Data Byte will be received and ACK will be returned.
68h
Arbitration lost in
SLA+R/W as master;
own SLA+W has been
received; ACK has
been returned
No SSDAT action
No SSDAT action
X
X
0
0
0
0
0
1
Data Byte will be received and NOT ACK will be
returned.
Data Byte will be received and ACK will be returned.
80h
Previously addressed
with own SLA+W; data
has been received;
ACK has been
returned
Read data Byte
Read data Byte
X
X
0
0
0
0
0
1
Data Byte will be received and NOT ACK will be
returned.
Data Byte will be received and ACK will be returned.
88h
Previously addressed
with own SLA+W; data
has been received;
NOT ACK has been
returned
Read data Byte
Read data Byte
Read data Byte
Read data Byte
0
0
1
1
0
0
0
0
0
0
0
0
0
1
0
1
Switched to the not addressed slave mode; no
recognition of own SLA or GCA.
Switched to the not addressed slave mode; own
SLA will be recognized; GCA will be recognized if
SSGC = logic 1.
Switched to the not addressed slave mode; no
recognition of own SLA or GCA. A START condition
will be transmitted when the bus becomes free.
Switched to the not addressed slave mode; own
SLA will be recognized; GCA will be recognized if
SSGC = logic 1. A START condition will be
transmitted when the bus becomes free.
A0h
A STOP condition or
repeated START
condition has been
received while still
addressed as slave
No SSDAT action
No SSDAT action
No SSDAT action
No SSDAT action
0
0
1
1
0
0
0
0
0
0
0
0
0
1
0
1
Switched to the not addressed slave mode; no
recognition of own SLA or GCA.
Switched to the not addressed slave mode; own
SLA will be recognized; GCA will be recognized if
SSGC = logic 1.
Switched to the not addressed slave mode; no
recognition of own SLA or GCA. A START condition
will be transmitted when the bus becomes free.
Switched to the not addressed slave mode; own
SLA will be recognized; GCA will be recognized if
SSGC = logic 1. A START condition will be
transmitted when the bus becomes free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com