Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 170 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 170 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 166Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 167Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 168Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 169Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 170Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 171Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 172Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 173Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 174Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 212 page
background image
170
4109J–8051–10/06
AT8xC51SND1C
Table 130. Status for Slave Transmitter Mode
Status
Code
SSSTA
Status of the TWI Bus
and TWI Hardware
Application Software Response
Next Action Taken by TWI Hardware
To/From SSDAT
To SSCON
SSSTA
SSSTO
SSI
SSAA
A8h
Own SLA+R has been
received; ACK has
been returned
Write data Byte
Write data Byte
X
X
0
0
0
0
0
1
Last data Byte will be transmitted.
Data Byte will be transmitted.
B0h
Arbitration lost in
SLA+R/W as master;
own SLA+R has been
received; ACK has
been returned
Write data Byte
Write data Byte
X
X
0
0
0
0
0
1
Last data Byte will be transmitted.
Data Byte will be transmitted.
B8h
Data Byte in SSDAT
has been transmitted;
ACK has been
received
Write data Byte
Write data Byte
X
X
0
0
0
0
0
1
Last data Byte will be transmitted.
Data Byte will be transmitted.
C0h
Data Byte in SSDAT
has been transmitted;
NOT ACK has been
received
No SSDAT action
No SSDAT action
No SSDAT action
No SSDAT action
0
0
1
1
0
0
0
0
0
0
0
0
0
1
0
1
Switched to the not addressed slave mode; no
recognition of own SLA or GCA.
Switched to the not addressed slave mode; own
SLA will be recognized; GCA will be recognized if
SSGC = logic 1.
Switched to the not addressed slave mode; no
recognition of own SLA or GCA. A START condition
will be transmitted when the bus becomes free.
Switched to the not addressed slave mode; own
SLA will be recognized; GCA will be recognized if
SSGC = logic 1. A START condition will be
transmitted when the bus becomes free.
C8h
Last data Byte in
SSDAT has been
transmitted
(SSAA= 0); ACK has
been received
No SSDAT action
No SSDAT action
No SSDAT action
No SSDAT action
0
0
1
1
0
0
0
0
0
0
0
0
0
1
0
1
Switched to the not addressed slave mode; no
recognition of own SLA or GCA.
Switched to the not addressed slave mode; own
SLA will be recognized; GCA will be recognized if
SSGC = logic 1.
Switched to the not addressed slave mode; no
recognition of own SLA or GCA. A START condition
will be transmitted when the bus becomes free.
Switched to the not addressed slave mode; own
SLA will be recognized; GCA will be recognized if
SSGC = logic 1. A START condition will be
transmitted when the bus becomes free.
Table 131. Status for Miscellaneous States
Status
Code
SSSTA
Status of the TWI Bus
and TWI Hardware
Application Software Response
Next Action Taken by TWI Hardware
To/From SSDAT
To SSCON
SSSTA
SSSTO
SSI
SSAA
F8h
No relevant state
information available;
SSI = 0
No SSDAT action
No SSCON action
Wait or proceed current transfer.
00h
Bus error due to an
illegal START or STOP
condition
No SSDAT action
0
1
0
X
Only the internal hardware is affected, no STOP
condition is sent on the bus. In all cases, the bus is
released and SSSTO is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com