Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 174 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 174 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 170Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 171Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 172Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 173Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 174Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 175Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 176Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 177Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 178Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 212 page
background image
174
4109J–8051–10/06
AT8xC51SND1C
Figure 20-2. Timing Diagram
20.1.1
Clock Generator
The ADC clock is generated by division of the peripheral clock (see details in section “X2 Fea-
ture”, page 12). The division factor is then given by ADCP4:0 bits in ADCLK register. Figure 20-
3 shows the ADC clock generator and its calculation formula(1).
Figure 20-3. ADC Clock Generator and Symbol Caution:
Note:
1. In all cases, the ADC clock frequency may be higher than the maximum FADCLK parameter
reported in the section “Analog to Digital Converter”, page 198.
2. The ADCD value of 0 is equivalent to an ADCD value of 32.
20.1.2
Channel Selection
The channel on which conversion is performed is selected by the ADCS bit in ADCON register
according to Table 136.
Table 136. ADC Channel Selection
20.1.3
Conversion Precision
The 10-bit precision conversion is achieved by stopping the CPU core activity during conversion
for limiting the digital noise induced by the core. This mode called the Pseudo-Idle mode
(1),(2) is
enabled by setting the ADIDL bit in ADCON register
(3). Thus, when conversion is launched (see
Section "Conversion Launching", page 175), the CPU core is stopped until the end of the con-
ADEN
ADSST
ADEOC
T
SETUP
T
CONV
CLK
T
ADCLK
ADCD4:0
ADCLK
ADC Clock
ADCclk
PERclk
2ADCD
⋅
-------------------------
=
ADC Clock Symbol
ADC
CLOCK
PER
CLOCK
÷ 2
ADCS
Channel
0AIN1
1AIN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com