Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 178 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 178 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 174Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 175Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 176Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 177Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 178Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 179Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 180Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 181Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 182Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 212 page
background image
178
4109J–8051–10/06
AT8xC51SND1C
21. Keyboard Interface
The AT8xC51SND1C implement a keyboard interface allowing the connection of a 4 x n matrix
keyboard. It is based on 4 inputs with programmable interrupt capability on both high or low
level. These inputs are available as alternate function of P1.3:0 and allow exit from idle and
power down modes.
21.1
Description
The keyboard interfaces with the C51 core through 2 special function registers: KBCON, the
keyboard control register (see Table 141); and KBSTA, the keyboard control and status register
(see Table 142).
The keyboard inputs are considered as 4 independent interrupt sources sharing the same inter-
rupt vector. An interrupt enable bit (EKB in IEN1 register) allows global enable or disable of the
keyboard interrupt (see Figure 21-1). As detailed in Figure 21-2 each keyboard input has the
capability to detect a programmable level according to KINL3:0 bit value in KBCON register.
Level detection is then reported in interrupt flags KINF3:0 in KBSTA register.
A keyboard interrupt is requested each time one of the four flags is set, i.e. the input level
matches the programmed one. Each of these four flags can be masked by software using
KINM3:0 bits in KBCON register and is cleared by reading KBSTA register.
This structure allows keyboard arrangement from 1 by n to 4 by n matrix and allow usage of KIN
inputs for any other purposes.
Figure 21-1. Keyboard Interface Block Diagram
Figure 21-2. Keyboard Input Circuitry
21.1.1
Power Reduction Mode
KIN3:0 inputs allow exit from idle and power-down modes as detailed in section “Power Man-
agement”, page 47. To enable this feature, KPDE bit in KBSTA register must be set to logic 1.
Due to the asynchronous keypad detection in power down mode (all clocks are stopped), exit
may happen on parasitic key press. In this case, no key is detected and software must enter
power down again.
21.2
Registers
Table 141. KBCON Register
KIN0
Keyboard Interface
Interrupt Request
EKB
IEN1.4
Input Circuitry
KIN1
Input Circuitry
KIN2
Input Circuitry
KIN3
Input Circuitry
KIN3:0
KINM3:0
KBCON.3:0
KINF3:0
KBSTA.3:0
KINL3:0
KBCON.7:4
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com