Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 180 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 180 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 176Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 177Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 178Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 179Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 180Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 181Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 182Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 183Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 184Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 212 page
background image
180
4109J–8051–10/06
AT8xC51SND1C
22. Electrical Characteristics
22.1
Absolute Maximum Rating
22.2
DC Characteristics
22.2.1
Digital Logic
Storage Temperature ......................................... -65 to +150
°C
Voltage on any other Pin to V
SS .................................... -0.3 to +4.0 V
I
OL per I/O Pin ................................................................. 5 mA
Power Dissipation ............................................................. 1 W
Operating Conditions
Ambient Temperature Under Bias........................ -40 to +85
°C
V
DD ........................................................................................................................4.0V
*NOTICE:
Stressing the device beyond the “Absolute Maxi-
mum Ratings” may cause permanent damage.
These are stress ratings only. Operation beyond
the “operating conditions” is not recommended
and extended exposure beyond the “Operating
Conditions” may affect device reliability.
Table 143. Digital DC Characteristics
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
Symbol
Parameter
Min
Typ
(1)
Max
Units
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2·V
DD - 0.1
V
V
IH1
(2)
Input High Voltage (except RST, X1)
0.2·V
DD + 1.1
V
DD
V
V
IH2
Input High Voltage (RST, X1)
0.7·V
DD
V
DD + 0.5
V
V
OL1
Output Low Voltage
(except P0, ALE, MCMD, MDAT, MCLK,
SCLK, DCLK, DSEL, DOUT)
0.45
V
I
OL= 1.6 mA
V
OL2
Output Low Voltage
(P0, ALE, MCMD, MDAT, MCLK, SCLK,
DCLK, DSEL, DOUT)
0.45
V
I
OL= 3.2 mA
V
OH1
Output High Voltage
(P1, P2, P3, P4 and P5)
V
DD - 0.7
V
I
OH= -30 μA
VOH2
Output High Voltage
(P0, P2 address mode, ALE, MCMD,
MDAT, MCLK, SCLK, DCLK, DSEL,
DOUT, D+, D-)
VDD - 0.7
V
IOH= -3.2 mA
I
IL
Logical 0 Input Current (P1, P2, P3, P4
and P5)
-50
μAV
IN= 0.45 V
ILI
Input Leakage Current (P0, ALE, MCMD,
MDAT, MCLK, SCLK, DCLK, DSEL,
DOUT)
10
μA
0.45< VIN< VDD
ITL
Logical 1 to 0 Transition Current
(P1, P2, P3, P4 and P5)
-650
μAV
IN= 2.0 V
R
RST
Pull-Down Resistor
50
90
200
k
Ω
C
IO
Pin Capacitance
10
pF
T
A= 25°C
V
RET
V
DD Data Retention Limit
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com