Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 181 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 181 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 177Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 178Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 179Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 180Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 181Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 182Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 183Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 184Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 185Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 212 page
background image
181
4109J–8051–10/06
AT8xC51SND1C
Notes:
1. Typical values are obtained using V
DD= 3 V and TA= 25°C. They are not tested and there is no
guarantee on these values.
2. Flash retention is guaranteed with the same formula for VDD min down to 0V.
3. See Table 144 for typical consumption in player mode.
Table 144. Typical Reference Design AT89C51SND1C Power Consumption
IDD
AT89C51SND1C
Operating Current
(3)
X1 / X2 mode
6.5 / 10.5
8 / 13.5
9.5 / 17
mA
VDD < 3.3 V
12 MHz
16 MHz
20 MHz
AT83SND1C
Operating Current
X1 / X2 mode
6.5 / 10.5
8 / 13.5
9.5 / 17
mA
V
DD < 3.3 V
12 MHz
16 MHz
20 MHz
AT80C51SND1C
Idle Mode Current
X1 / X2 mode
6.5 / 10.5
8 / 13.5
9.5 / 17
mA
V
DD < 3.3 V
12 MHz
16 MHz
20 MHz
IDL
AT89C51SND1C
Idle Mode Current
(3)
X1 / X2 mode
5.3 / 8.1
6.4 / 10.3
7.5 / 13
mA
VDD < 3.3 V
12 MHz
16 MHz
20 MHz
AT83SND1C
Idle Mode Current
X1 / X2 mode
5.3 / 8.1
6.4 / 10.3
7.5 / 13
mA
V
DD < 3.3 V
12 MHz
16 MHz
20 MHz
AT80C51SND1C
Idle Mode Current
X1 / X2 mode
5.3 / 8.1
6.4 / 10.3
7.5 / 13
mA
V
DD < 3.3 V
12 MHz
16 MHz
20 MHz
IPD
AT89C51SND1C
Power-Down Mode Current
20
500
μAV
RET < VDD < 3.3 V
AT83SND1C
Power-Down Mode Current
20
500
μAV
RET < VDD < 3.3 V
AT80C51SND1C
Power-Down Mode Current
20
500
μAV
RET < VDD < 3.3 V
I
FP
AT89C51SND1C
Flash Programming Current
15
mA
V
DD < 3.3 V
Table 143. Digital DC Characteristics
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
Symbol
Parameter
Min
Typ
(1)
Max
Units
Test Conditions
Player Mode
IDD
Test Conditions
Stop
10 mA
AT89C51SND1C at 16 MHz, X2 mode, VDD= 3 V
No song playing
Playing
30 mA
AT89C51SND1C at 16 MHz, X2 mode, V
DD= 3 V
MP3 Song with Fs= 44.1 KHz, at any bit rates (Variable Bit Rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com