Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 173 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 169Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 170Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 171Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 172Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 173Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 174Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 175Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 176Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 212 page
background image
173
4109J–8051–10/06
AT8xC51SND1C
20. Analog to Digital Converter
The AT8xC51SND1C implement a 2-channel 10-bit (8 true bits) analog to digital converter
(ADC). First channel of this ADC can be used for battery monitoring while the second one can
be used for voice sampling at 8 kHz.
20.1
Description
The A/D converter interfaces with the C51 core through four special function registers: ADCON,
the ADC control register (see Table 137); ADDH and ADDL, the ADC data registers (see Table
139 and Table 140); and ADCLK, the ADC clock register (see Table 138).
As shown in Figure 20-1, the ADC is composed of a 10-bit cascaded potentiometric digital to
analog converter, connected to the negative input of a comparator. The output voltage of this
DAC is compared to the analog voltage stored in the Sample and Hold and coming from AIN0 or
AIN1 input depending on the channel selected (see Table 136). The 10-bit ADDAT converted
value (see formula in Figure 20-1) is delivered in ADDH and ADDL registers, ADDH is giving the
8 most significant bits while ADDL is giving the 2 least significant bits. ADDAT
Figure 20-1. ADC Structure
Figure 20-2 shows the timing diagram of a complete conversion. For simplicity, the figure depicts
the waveforms in idealized form and do not provide precise timing information. For ADC charac-
teristics and timing parameters refer to the section “AC Characteristics”.
0
1
AIN1
AIN0
ADCS
ADCON.0
AVSS
Sample and Hold
ADDH
AREFP
R/2R DAC
ADC
CLOCK
AREFN
8
10
ADEN
ADCON.5
ADSST
ADCON.3
ADEOC
ADCON.4
ADC
Interrupt
Request
EADC
IEN1.3
CONTROL
+
-
ADDL
2
SAR
ADDAT
1023 V
⋅
IN
V
REF
--------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com