Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 171 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 171 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 167Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 168Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 169Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 170Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 171Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 172Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 173Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 174Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 175Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 212 page
background image
171
4109J–8051–10/06
AT8xC51SND1C
19.2
Registers
Table 132. SSCON Register
SSCON (S:93h) – Synchronous Serial Control Register
Reset Value = 0000 0000b
Table 133. SSSTA Register
SSSTA (S:94h) – Synchronous Serial Status Register
7654
3210
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
Bit
Number
Bit
Mnemonic
Description
7
SSCR2
Synchronous Serial Control Rate Bit 2
Refer to Table 125 for rate description.
6SSPE
Synchronous Serial Peripheral Enable Bit
Set to enable the controller.
Clear to disable the controller.
5SSSTA
Synchronous Serial Start Flag
Set to send a START condition on the bus.
Clear not to send a START condition on the bus.
4SSSTO
Synchronous Serial Stop Flag
Set to send a STOP condition on the bus.
Clear not to send a STOP condition on the bus.
3SSI
Synchronous Serial Interrupt Flag
Set by hardware when a serial interrupt is requested.
Must be cleared by software to acknowledge interrupt.
2SSAA
Synchronous Serial Assert Acknowledge Flag
Set to enable slave modes. Slave modes are entered when SLA or GCA (if
SSGC set) is recognized.
Clear to disable slave modes.
Master Receiver Mode in progress
Clear to force a not acknowledge (high level on SDA).
Set to force an acknowledge (low level on SDA).
Master Transmitter Mode in progress
This bit has no specific effect when in master transmitter mode.
Slave Receiver Mode in progress
Clear to force a not acknowledge (high level on SDA).
Set to force an acknowledge (low level on SDA).
Slave Transmitter Mode in progress
Clear to isolate slave from the bus after last data Byte transmission.
Set to enable slave mode.
1
SSCR1
Synchronous Serial Control Rate Bit 1
Refer to Table 125 for rate description.
0
SSCR0
Synchronous Serial Control Rate Bit 0
Refer to Table 125 for rate description.
7654
3210
SSC4
SSC3
SSC2
SSC1
SSC0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com