Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 125 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 125 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 121Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 122Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 123Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 124Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 125Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 126Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 127Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 128Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 129Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 212 page
background image
125
4109J–8051–10/06
AT8xC51SND1C
15.8.0.2
Table 104. MMCON2 Register
MMCON2 (S:E6h) – MMC Control Register 2
Reset Value = 0000 0000b
15.8.0.3
Table 105. MMSTA Register
MMSTA (S:DEh Read Only) – MMC Control and Status Register
7654
3210
MMCEN
DCR
CCR
-
-
DATD1
DATD0
FLOWC
Bit
Number
Bit
Mnemonic
Description
7MMCEN
MMC Clock Enable Bit
Set to enable the MCLK clocks and activate the MMC controller.
Clear to disable the MMC clocks and freeze the MMC controller.
6DCR
Data Controller Reset Bit
Set and clear to reset the data line controller in case of transfer abort.
5CCR
Command Controller Reset Bit
Set and clear to reset the command line controller in case of transfer abort.
4-3
-
Reserved
The value read from these bits is always 0. Do not set these bits.
2-1
DATD1:0
Data Transmission Delay Bits
Used to delay the data transmission after a response from 3 MMC clock periods
(all bits cleared) to 9 MMC clock periods (all bits set) by step of 2 MMC clock
periods.
0FLOWC
MMC Flow Control Bit
Set to enable the flow control during data transfers.
Clear to disable the flow control during data transfers.
7654
3210
-
-
CBUSY
CRC16S
DATFS
CRC7S
RESPFS
CFLCK
Bit
Number
Bit
Mnemonic
Description
7 - 6
-
Reserved
The value read from these bits is always 0. Do not set these bits.
5CBUSY
Card Busy Flag
Set by hardware when the card sends a busy state on the data line.
Cleared by hardware when the card no more sends a busy state on the data line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com