Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 128 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 128 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 124Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 125Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 126Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 127Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 128Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 129Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 130Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 131Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 132Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 212 page
background image
128
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 1111 1111b
15.8.0.6
Table 108. MMCMD Register
MMCMD (S:DDh) – MMC Command Register
Reset Value = 1111 1111b
15.8.0.7
Table 109. MMDAT Register
MMDAT (S:DCh) – MMC Data Register
Reset Value = 1111 1111b
15.8.0.8
Table 110. MMCLK Register
MMCLK (S:EDh) – MMC Clock Divider Register
2F1FM
FIFO 1 Full Interrupt Mask Bit
Set to prevent F1FI flag from generating an MMC interrupt.
Clear to allow F1FI flag to generate an MMC interrupt.
1F2EM
FIFO 2 Empty Interrupt Mask Bit
Set to prevent F2EI flag from generating an MMC interrupt.
Clear to allow F2EI flag to generate an MMC interrupt.
0F1EM
FIFO 1 Empty Interrupt Mask Bit
Set to prevent F1EI flag from generating an MMC interrupt.
Clear to allow F1EI flag to generate an MMC interrupt.
Bit
Number
Bit
Mnemonic
Description
7654
3210
MC7
MC6
MC5
MC4
MC3
MC2
MC1
MC0
Bit
Number
Bit
Mnemonic
Description
7 - 0
MC7:0
MMC Command Receive Byte
Output (read) register of the response FIFO.
MMC Command Transmit Byte
Input (write) register of the command FIFO.
7654
3210
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0
Bit
Number
Bit
Mnemonic
Description
7 - 0
MD7:0
MMC Data Byte
Input (write) or output (read) register of the data FIFO.
7654
3210
MMCD7
MMCD6
MMCD5
MMCD4
MMCD3
MMCD2
MMCD1
MMCD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com