Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 133 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 129Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 130Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 131Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 132Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 133Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 134Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 135Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 136Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 212 page
background image
133
4109J–8051–10/06
AT8xC51SND1C
17. Serial I/O Port
The serial I/O port in the AT8xC51SND1C provides both synchronous and asynchronous com-
munication modes. It operates as a Synchronous Receiver and Transmitter in one single mode
(Mode 0) and operates as an Universal Asynchronous Receiver and Transmitter (UART) in three
full-duplex modes (Modes 1, 2 and 3). Asynchronous modes support framing error detection and
multiprocessor communication with automatic address recognition.
17.1
Mode Selection
SM0 and SM1 bits in SCON register (see Figure 115) are used to select a mode among the sin-
gle synchronous and the three asynchronous modes according to Table 113.
Table 113. Serial I/O Port Mode Selection
17.2
Baud Rate Generator
Depending on the mode and the source selection, the baud rate can be generated from either
the Timer 1 or the Internal Baud Rate Generator. The Timer 1 can be used in Modes 1 and 3
while the Internal Baud Rate Generator can be used in Modes 0, 1
and 3.
The addition of the Internal Baud Rate Generator allows freeing of the Timer 1 for other pur-
poses in the application. It is highly recommended to use the Internal Baud Rate Generator as it
allows higher and more accurate baud rates than Timer 1.
Baud rate formulas depend on the modes selected and are given in the following mode sections.
17.2.1
Timer 1
When using Timer 1, the Baud Rate is derived from the overflow of the timer. As shown in
Figure 17-1 Timer 1 is used in its 8-bit auto-reload mode (detailed in Section "Mode 2 (8-bit
Timer with Auto-Reload)", page 54). SMOD1 bit in PCON register allows doubling of the gener-
ated baud rate.
SM0
SM1
Mode
Description
Baud Rate
0
0
0
Synchronous Shift Register
Fixed/Variable
0
1
1
8-bit UART
Variable
1
0
2
9-bit UART
Fixed
1
1
3
9-bit UART
Variable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com