Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 137 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 137 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 133Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 134Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 135Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 136Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 137Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 138Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 139Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 140Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 141Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 212 page
background image
137
4109J–8051–10/06
AT8xC51SND1C
Figure 17-9. Data Frame Format (Mode 1)
17.4.0.2
Modes 2 and 3
Modes 2 and 3 are full-duplex, asynchronous modes. The data frame (see Figure 17-10) con-
sists of 11 bits: one start bit, eight data bits (transmitted and received LSB first), one
programmable ninth data bit and one stop bit. Serial data is transmitted on the TXD pin and
received on the RXD pin. On receive, the ninth bit is read from RB8 bit in SCON register. On
transmit, the ninth data bit is written to TB8 bit in SCON register. Alternatively, you can use the
ninth bit can be used as a command/data flag.
Figure 17-10. Data Frame Format (Modes 2 and 3)
17.4.1
Transmission (Modes 1, 2
and 3)
To initiate a transmission, write to SCON register, set the SM0 and SM1 bits according to
Table 113, and set the ninth bit by writing to TB8 bit. Then, writing the Byte to be transmitted to
SBUF register starts the transmission.
17.4.2
Reception (Modes 1, 2 and 3)
To prepare for reception, write to SCON register, set the SM0 and SM1 bits according to
Table 113, and set the REN bit. The actual reception is then initiated by a detected high-to-low
transition on the RXD pin.
17.4.3
Framing Error Detection (Modes 1, 2 and 3)
Framing error detection is provided for the three asynchronous modes. To enable the framing bit
error detection feature, set SMOD0 bit in PCON register as shown in Figure 17-11.
When this feature is enabled, the receiver checks each incoming data frame for a valid stop bit.
An invalid stop bit may result from noise on the serial lines or from simultaneous transmission by
2 devices. If a valid stop bit is not found, the software sets FE bit in SCON register.
Software may examine FE bit after each reception to check for data errors. Once set, only soft-
ware or a chip reset clear FE bit. Subsequently received frames with valid stop bits cannot clear
FE bit. When the framing error detection feature is enabled, RI rises on stop bit instead of the
last data bit as detailed in Figure 17-17.
Figure 17-11. Framing Error Block Diagram
Mode 1
D0
D1
D2
D3
D4
D5
D6
D7
Start bit
8-bit data
Stop bit
D0
D1
D2
D3
D4
D5
D6
D8
Start bit
9-bit data
Stop bit
D7
SM0
1
0
SMOD0
PCON.6
SM0/FE
SCON.7
Framing Error
Controller
FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com