Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 157 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 157 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 153Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 154Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 155Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 156Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 157Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 158Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 159Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 160Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 161Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 212 page
background image
157
4109J–8051–10/06
AT8xC51SND1C
19. Two-wire Interface (TWI) Controller
The AT8xC51SND1C implements a TWI controller supporting the four standard master and
slave modes with multimaster capability. Thus, it allows connection of slave devices like LCD
controller, audio DAC, etc., but also external master controlling where the AT8xC51SND1C is
used as a peripheral of a host.
The TWI bus is a bi-directional TWI serial communication standard. It is designed primarily for
simple but efficient integrated circuit control. The system is comprised of 2 lines, SCL (Serial
Clock) and SDA (Serial Data) that carry information between the ICs connected to them. The
serial data transfer is limited to 100 Kbit/s in low speed mode, however, some higher bit rates
can be achieved depending on the oscillator frequency. Various communication configurations
can be designed using this bus. Figure 19-1 shows a typical TWI bus configuration using the
AT8xC51SND1C in master and slave modes. All the devices connected to the bus can be mas-
ter and slave.
Figure 19-1. Typical TWI Bus Configuration
19.1
Description
The CPU interfaces to the TWI logic via the following four 8-bit special function registers: the
Synchronous Serial Control register (SSCON SFR, see Table 132), the Synchronous Serial
Data register (SSDAT SFR, see Table 134), the Synchronous Serial Status register (SSSTA
SFR, see Table 133) and the Synchronous Serial Address register (SSADR SFR, see
Table 135).
SSCON is used to enable the controller, to program the bit rate (see Table 132), to enable slave
modes, to acknowledge or not a received data, to send a START or a STOP condition on the
TWI bus, and to acknowledge a serial interrupt. A hardware reset disables the TWI controller.
SSSTA contains a status code which reflects the status of the TWI logic and the TWI bus. The
three least significant bits are always zero. The five most significant bits contains the status
code. There are 26 possible status codes. When SSSTA contains F8h, no relevant state infor-
mation is available and no serial interrupt is requested. A valid status code is available in SSSTA
after SSI is set by hardware and is still present until SSI has been reset by software. Table 126
to Table 19-6 give the status for both master and slave modes and miscellaneous states.
SSDAT contains a Byte of serial data to be transmitted or a Byte which has just been received. It
is addressable while it is not in process of shifting a Byte. This occurs when TWI logic is in a
defined state and the serial interrupt flag is set. Data in SSDAT remains stable as long as SSI is
set. While data is being shifted out, data on the bus is simultaneously shifted in; SSDAT always
contains the last Byte present on the bus.
SSADR may be loaded with the 7 - bit slave address (7 most significant bits) to which the con-
troller will respond when programmed as a slave transmitter or receiver. The LSB is used to
enable general call address (00h) recognition.
Figure 19-2 shows how a data transfer is accomplished on the TWI bus.
AT8xC51SND1C
Master/Slave
LCD
Display
Audio
DAC
P1.6/SCL
P1.7/SDA
Rp
Rp
HOST
Microprocessor
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com