Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 159 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 159 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 155Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 156Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 157Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 158Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 159Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 160Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 161Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 162Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 212 page
background image
159
4109J–8051–10/06
AT8xC51SND1C
Note:
1. These bit rates are outside of the low speed standard specification limited to 100 kHz but can
be used with high speed TWI components limited to 400 kHz.
19.1.2
Master Transmitter Mode
In the master transmitter mode, a number of data Bytes are transmitted to a slave receiver (see
Figure 19-3). Before the master transmitter mode can be entered, SSCON must be initialized as
follows:
SSCR2:0 define the serial bit rate (see Table 125). SSPE must be set to enable the controller.
SSSTA, SSSTO and SSI must be cleared.
The master transmitter mode may now be entered by setting the SSSTA bit. The TWI logic will
now monitor the TWI bus and generate a START condition as soon as the bus becomes free.
When a START condition is transmitted, the serial interrupt flag (SSI bit in SSCON) is set, and
the status code in SSSTA is 08h. This status must be used to vector to an interrupt routine that
loads SSDAT with the slave address and the data direction bit (SLA+W). The serial interrupt flag
(SSI) must then be cleared before the serial transfer can continue.
When the slave address and the direction bit have been transmitted and an acknowledgment bit
has been received, SSI is set again and a number of status code in SSSTA are possible. There
are 18h, 20h or 38h for the master mode and also 68h, 78h or B0h if the slave mode was
enabled (SSAA = logic 1). The appropriate action to be taken for each of these status code is
detailed in Table 126. This scheme is repeated until a STOP condition is transmitted.
SSPE and SSCR2:0 are not affected by the serial transfer and are not referred to in Table 126.
After a repeated START condition (state 10h) the controller may switch to the master receiver
mode by loading SSDAT with SLA+R.
19.1.3
Master Receiver Mode
In the master receiver mode, a number of data Bytes are received from a slave transmitter (see
Figure 19-4). The transfer is initialized as in the master transmitter mode. When the START con-
dition has been transmitted, the interrupt routine must load SSDAT with the 7 - bit slave address
and the data direction bit (SLA+R). The serial interrupt flag (SSI) must then be cleared before
the serial transfer can continue.
Table 125. Serial Clock Rates
SSCRx
Bit Frequency (kHz)
FPER Divided By
210
FPER = 6 MHz
FPER = 8 MHz
FPER = 10 MHz
0
0
0
47
62.5
78.125
128
0
0
1
53.5
71.5
89.3
112
0
1
0
62.5
83
104.2
(1)
96
0
1
1
75
100
125
(1)
80
1
0
0
12.5
16.5
20.83
480
1
0
1
100
133.3
(1)
166.7
(1)
60
110
200
(1)
266.7
(1)
333.3
(1)
30
1
1
1
0.5 <
⋅ < 125(1)
0.67 <
⋅ < 166.7(1) 0.81 < ⋅ < 208.3(1) 96 ⋅ (256 – reload value Timer 1)
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
Bit Rate
1
0
0
0
X
Bit Rate
Bit Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com