Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 203 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 203 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 199Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 200Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 201Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 202Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 203Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 204Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 205Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 206Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 207Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 212 page
background image
203
4109J–8051–10/06
AT8xC51SND1C
24. Ordering Information
Notes:
1. Refers to ROM code.
2. PLCC84 package only available for development board.
Part Number
Memory
Size
Supply
Voltage
Temperature
Range
Max
Frequency
Package
(2)
Packing
Product
Marking
AT89C51SND1C-ROTIL
64K Flash
3V
Industrial
40 MHz
TQFP80
Tray
89C51SND1C-IL
AT89C51SND1C-7HTIL
64K Flash
3V
Industrial
40 MHz
BGA81
Tray
89C51SND1C-IL
AT89C51SND1C-DDV
64K Flash
3V
Industrial
40 MHz
Dice
Tray
-
AT83SND1Cxxx
(1)-ROTIL
64K ROM
3V
Industrial
40 MHz
TQFP80
Tray
89C51SND1C-IL
AT83SND1Cxxx(1)-7HTIL
64K ROM
3V
Industrial
40 MHz
BGA81
Tray
89C51SND1C-IL
AT83SND1Cxxx-DDV
64K ROM
3V
Industrial
40 MHz
Dice
Tray
-
AT80C51SND1C-ROTIL
ROMless
3V
Industrial
40 MHz
TQFP80
Tray
89C51SND1C-IL
AT80C51SND1C-7HTIL
ROMless
3V
Industrial
40 MHz
BGA81
Tray
89C51SND1C-IL
AT80C51SND1C-DDV
ROMless
3V
Industrial
40 MHz
Dice
Tray
-
AT89C51SND1C-ROTUL
64K Flash
3V
Industrial &
Green
40 MHz
TQFP80
Tray
89C51SND1C-IL
AT89C51SND1C-7HTJL
64K Flash
3V
Industrial
40 MHz
BGA81
Tray
89C51SND1C-IL
AT83SND1Cxxx
(1)-ROTUL
64K ROM
3V
Industrial &
Green
40 MHz
TQFP80
Tray
89C51SND1C-IL
AT83SND1Cxxx
(1)-7HTJL
64K ROM
3V
Industrial &
Green
40 MHz
BGA81
Tray
89C51SND1C-IL
AT80C51SND1C-ROTUL
ROMless
3V
Industrial &
Green
40 MHz
TQFP80
Tray
89C51SND1C-IL
AT80C51SND1C-7HTJL
ROMless
3V
Industrial &
Green
40 MHz
BGA81
Tray
89C51SND1C-IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com