Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 201 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 201 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 197Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 198Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 199Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 200Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 201Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 202Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 203Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 204Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 205Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 212 page
background image
201
4109J–8051–10/06
AT8xC51SND1C
22.4.6
External Clock Drive and Logic Level References
22.4.6.1
Definition of symbols
Table 169. External Clock Timing Symbol Definitions
22.4.6.2
Timings
External Clock AC Timings
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C
22.4.6.3
Waveforms
Figure 22-24. External Clock Waveform
Figure 22-25. AC Testing Input/Output Waveforms
Note:
1. During AC testing, all inputs are driven at V
DD -0.5 V for a logic 1 and 0.45 V for a logic 0.
2. Timing measurements are made on all outputs at V
IH min for a logic 1 and VIL max for a logic 0.
Figure 22-26. Float Waveforms
Signals
Conditions
C
Clock
H
High
L
Low
X
No Longer Valid
Symbol
Parameter
Min
Max
Unit
T
CLCL
Clock Period
50
ns
T
CHCX
High Time
10
ns
T
CLCX
Low Time
10
ns
T
CLCH
Rise Time
3
ns
T
CHCL
Fall Time
3
ns
T
CR
Cyclic Ratio in X2 mode
40
60
%
0.45 V
T
CLCL
VDD - 0.5
V
IH1
V
IL
T
CHCX
T
CLCH
T
CHCL
T
CLCX
0.45 V
VDD - 0.5
0.7 V
DD
0.3 VDD
V
IH min
VIL max
INPUTS
OUTPUTS
V
LOAD
V
OH - 0.1 V
V
OL + 0.1 V
V
LOAD + 0.1 V
V
LOAD - 0.1 V
Timing Reference Points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com