Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 198 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 198 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 194Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 195Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 196Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 197Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 198Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 199Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 200Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 201Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 202Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 212 page
background image
198
4109J–8051–10/06
AT8xC51SND1C
22.4.4
Analog to Digital Converter
22.4.4.1
Definition of symbols
Table 165. Analog to Digital Converter Timing Symbol Definitions
22.4.4.2
Characteristics
Table 166. Analog to Digital Converter AC Characteristics
VDD = 2.7 to 3.3 V, TA = -40 to +85°C
Notes:
1. AVDD= AVREFP= 3.0 V, AVSS= AVREFN= 0 V. ADC is monotonic with no missing code.
2. The differential non-linearity is the difference between the actual step width and the ideal step
width (see Figure 22-21).
3. The integral non-linearity is the peak difference between the center of the actual step and the
ideal transfer curve after appropriate adjustment of gain and offset errors (see Figure 22-21).
4. The offset error is the absolute difference between the straight line which fits the actual trans-
fer curve (after removing of gain error), and the straight line which fits the ideal transfer curve
(see Figure 22-21).
5. The gain error is the relative difference in percent between the straight line which fits the actual
transfer curve (after removing of offset error), and the straight line which fits the ideal transfer
curve (see Figure 22-21).
Signals
Conditions
C
Clock
H
High
E
Enable (ADEN bit)
L
Low
S
Start Conversion
(ADSST bit)
Symbol
Parameter
Min
Max
Unit
T
CLCL
Clock Period
4
μs
T
EHSH
Start-up Time
4
μs
T
SHSL
Conversion Time
11·T
CLCL
μs
DLe
Differential non-
linearity error
(1)(2)
1LSB
ILe
Integral non-
linearity errorss
(1)(3)
2LSB
OSe
Offset error
(1)(4)
4LSB
Ge
Gain error
(1)(5)
4LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com