Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83SND1CXXX-ROTUL Datasheet(PDF) 197 Page - ATMEL Corporation

Part # AT83SND1CXXX-ROTUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND1CXXX-ROTUL Datasheet(HTML) 197 Page - ATMEL Corporation

Back Button AT83SND1CXXX-ROTUL Datasheet HTML 193Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 194Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 195Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 196Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 197Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 198Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 199Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 200Page - ATMEL Corporation AT83SND1CXXX-ROTUL Datasheet HTML 201Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 212 page
background image
197
4109J–8051–10/06
AT8xC51SND1C
22.4.3
Audio Interface
22.4.3.1
Definition of symbols
Table 163. Audio Interface Timing Symbol Definitions
22.4.3.2
Timings
Table 164. Audio Interface AC timings
V
DD = 2.7 to 3.3 V, TA = -40 to +85°C, CL≤ 30pF
Note:
1. 32-bit format with Fs= 48 KHz.
22.4.3.3
Waveforms
Figure 22-19. Audio Interface Waveforms
Signals
Conditions
C
Clock
H
High
O
Data Out
L
Low
S
Data Select
V
Valid
X
No Longer Valid
Symbol
Parameter
Min
Max
Unit
T
CHCH
Clock Period
325.5
(1)
ns
T
CHCX
Clock High Time
30
ns
T
CLCX
Clock Low Time
30
ns
T
CLCH
Clock Rise Time
10
ns
T
CHCL
Clock Fall Time
10
ns
T
CLSV
Clock Low to Select Valid
10
ns
T
CLOV
Clock Low to Data Valid
10
ns
DCLK
T
CHCH
T
CLCX
T
CHCX
T
CLCH
T
CHCL
DSEL
DDAT
Right
Left
TCLSV
TCLOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com