Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
34921
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 7. Internal Block Diagram
5.0 V AND 3.3 V REGULATORS
The 34921 5.0 V regulators have two operating modes—
switching and linear—that share a dedicated input terminal,
as illustrated in Figure 8 and Figure 9. The 5.0 V switching
regulator operates off B+ directly. The 5.0 V linear regulator
is only used when B+ < 20 V, and the dedicated input
terminal is connected to B+ through an external power
resistor to dissipate some power off-chip. The regulator that
is used depends on the power requirement and B+NOM of the
application. The designer is able to trade off power versus
overall system cost for each particular application. The linear
regulator mode is a low-current mode and has much less
external component cost.
Figure 8. 5.0 V Switching Regulator Mode
Figure 9. 5.0 V Linear Regulator Mode
The 5V SELECT terminal must be tied to ground for
switching regulator mode. An internal pull-up is incorporated
in the 34921 sufficient to avoid any problems owing to
switching noise on this terminal.
The 5.0 V switching and linear regulators may supply
external logic components of the overall assembly,
depending on the application. For the 5.0 V linear regulator,
an external capacitor on the output should be used for
filtering.
5.0 V AND 3.3 V SWITCHING REGULATORS
The 5.0 V and 3.3 V switching regulators are implemented
as constant ripple buck regulators. These regulators operate
in both discontinuous and continuous mode. The clock
source is the on-board 200 kHz master oscillator. The actual
frequency of the switch terminal can vary owing to cycle
skipping. The switch MOSFET is internal to the 34921 IC, but
the remaining components—recovery diode, inductor, and
output capacitor—must be externally supplied. The input
voltage to the regulators is B+, and the regulators perform
within specifications over the range of I5.0 ≤ 0.6 A for the
5.0 V switching regulator and I3.3 ≤ 2.5 A for the 3.3 V
switching regulator. Each has cycle-by-cycle current limiting.
5.0 V Regulator
Switching and
Charge
Pump
DC Motor
Drivers
Timing
Logic
Step
Motor Driver
V Core
Linear Regulator
A/D
Convertor
Linear
3.3 V Regulator
Switching
Supervisory
RST Function
34921
5V SUPPLY
5V
5V SWITCH
5V SELECT
B+
34921
5V SUPPLY
5V
5V SWITCH
5V SELECT
B+
R
R =
B+ - 9.0 V
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com