Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34921 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
MC34921
Rev 5.0, 07/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
*This document contains information on a product under development.
Specifications and information herein are subject to change without notice.
Configurable Motor Driver IC
with Power Supplies
The 34921 power IC integrates multiple motor drivers, multiple
power regulators, and most other analog functions a small consumer
motion-enabled product needs. The 34921’s circuitry is fully protected
with current limiting, short-circuit shutdown, over-temperature, over-
voltage, and under-voltage detection. Supervisory functions can be
read and programmed through a 8-MHz Serial Interface.
A 5.0 V dual-mode (linear or switching) voltage regulator, 3.3 V
switching buck regulator, and a voltage-selectable (1.5 V, 1.8 V, 2.5 V)
linear regulator provide power management. Two H-Bridges and a
configurable motor driver are provided for controlling two dc motors
and one unipolar stepper motor.
The highly integrated 34921 brings together sensing,
communication, power management, system protection, and motor
control in one device.
Features
• Two Functionally Identical Pulse-Width Modulated (PWM) DC Motor
Drivers
• One Switching, One Linear, and One Dual-Mode Regulator
• Dual Mode Switching/Linear 5.0 V Regulator
• Supervisory Functions (Power-ON Reset and Error Reset Circuitry)
• 8-Channel, 8-Bit Analog-to-Digital Converter (ADC)
• Charge Pump for High-Side MOSFET Drive
• Complete Support for
• Analog Quadrature Encoder
• Pb-Free package is designated by suffix AE
Figure 1. 34921 Simplified Application Diagram
H-BRIDGE MOTOR DRIVER
AND POWER SUPPLY
34921
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34921AE/R2
0°C to 70°C
64 LQFP-EP
AE SUFFIX (Pb-Free)
98ARH98426A
64-LEAD LQFP-EP
B+
B+
34921
GATEOUT
5.0 V
3.3 V
VCORE
Serial
Ports
A/D
Inputs
SA/CDCMA
SB/LSOUT1
SA/CDCMB
SB/LSOUT2
B+
MCU
5.0 V / 3.3 V
High-Side
MOSFET
B
A
A
B
Step
Motor
B+
MISO
MOSI
SCLK
CE
CPWMA
CPWMB
DC
Motor
ADCMA
ADCMB
APWM
DC
Motor
BDCMA
BDCMB
BPWM
DGND
GND
AN0
AN3
A
B
C


Similar Part No. - 34921

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
34921A KEYSIGHT-34921A Datasheet
1Mb / 35P
34980A Multifunction Switch/Measure Unit
34921T KEYSIGHT-34921T Datasheet
1Mb / 35P
Multifunction Switch/Measure Unit
More results

Similar Description - 34921

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
DC MOTOR DRIVER IC
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
STEPPING MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
FAN MOTOR DRIVER IC
logo
List of Unclassifed Man...
MC34921 ETC-MC34921 Datasheet
603Kb / 36P
Configurable Motor Driver IC with Power Supplies
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
Motor Driver IC Family
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
Stepper Motor Driver IC
logo
Texas Instruments
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
DC MOTOR DRIVER IC
JUNE2011
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
Microstep Driver Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com