Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34921
STATIC ELECTRICAL CHARACTERISTICS
5.0 V Switching Regulator
Vreg Threshold
V5.0
4.8
5.0
5.2
V
Cycle-by-Cycle Current Limit Threshold
V5.0 = 2.0 V to Max
V5.0 ≤ 1.0 V
ILIMIT
0.75
–
1.2
1.0
2.25
–
A
V5.0 to Turn On/Off V3.3 Regulator
(8)
V5_3.3t
–2.2
–
V
Hysteresis for V5_3.3t
(8)
V5_3.3t_hys
–
175
–
mV
3.3 V Switching Regulator
Vreg Threshold
V3.3
3.15
3.28
3.45
V
Cycle-by-Cycle Current Limit Threshold
V3.3 = 2.0 V to Max
V3.3 ≤ 1.0 V
ILIMIT
2.75
–
3.6
3.5
5.5
–
A
VCORE 3.3V Linear Regulator
Voltage Tolerance
ICORE = 0.02 A to 0.3 A, VNOM =2.5 V
ICORE = 0.02 A to 0.3 A, VNOM =1.8 V
ICORE 0 0.02 A to 0.3 A, VNOM =1.5 V
VCORE_TOL
2.35
1.675
1.4
2.49
1.78
1.49
2.66
1.925
1.6
V
Load Regulation
ILOAD =20mA to 300mA
VILOAD
–
±10
±100
mV
Current Limit Threshold
ILIMIT
400
750
1200
mA
Motor Drivers in DC Mode
Motor Driver A High- or Low-Side Switch Voltage Drop
IPWM = 1.7 A, GND or B+ to Output
VDROP(A)
–.65
1.5
V
Motor Driver A Output Current Limit
ILIMIT(A)
3.6
4.9
7.2
A
Motor Driver B High- or Low-Side Switch Voltage Drop
IPWM = 2.0 A, GND or B+ to Output
VDROP(B)
–.70
1.4
V
Motor Driver B Output Current Limit
ILIMIT(B)
2.8
4.9
7.2
A
Motor Driver C High- or Low-Side Switch Voltage Drop
IPWM = 0.375 A, GND or B+ to Output
VDROP(C)
–.75
1.5
V
Motor Driver C Current Limit—Top Side
ILIMIT1(C)
0.75
1.2
1.5
A
Motor Driver C Current Limit—Bottom Side
ILIMIT2(C)
1.0
1.65
2.0
A
Notes
8.
See Figure 10, Power-Up Sequencing, page 22.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 16 V ≤ B+ ≤ 34 V, 0
°C ≤ TA ≤ 70°C, and 0°C ≤ TJ ≤ 100°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com