Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34921
STATIC ELECTRICAL CHARACTERISTICS
Supervisor Circuitry
Minimum Function B+ for Charge Pump, Oscillator Up
Reset/Fault Registers Valid (10)
B+
9.0
–
–
V
Minimum Function V5.0 for RST Operational
RST
VOL ≤ 0.05 V @ 1.0 mA
(10)
V5.0 RST
2.0
–
–
V
Minimum Function V3.3 for RST Operational
RST
VOL ≤ 0.05 V @ 1.0 mA
(10)
V3.3 RST
2.0
–
–
V
RST
Low Voltage (11)
IRST ≤ 5.0 mA
VOL
–
0.1
0.25
V
RST
V5.0 Threshold
V5.0 Rising
V5.0 Falling
V5.0 t+
V5.0 t–
–
4.5
4.65
4.6
4.75
4.70
V
RST
Hysteresis for V5.0
VHYSV5.0
10
50
–
mV
RST
V3.3 Threshold
V3.3 Rising
V3.3 Falling
V3.3t+
V3.3t–
–
2.8
2.9
2.9
3.15
3.0
V
RST
Hysteresis for V3.3
VHYS_3.3
10
15
–
mV
RST
VCORE Threshold
VCORE Falling
VCORE
85
86
90
%VCORE_
NOM
RST
Hysteresis for VCORE
VHYS CORE
–
10
–
mV
Overtemperature Junction Temperature(12)
TJ Rising
TJ(OVER)
140
–
–
°C
Overtemperature Hysteresis(12)
TJ Falling
TJ(HYS)
10
–
30
°C
Thermal Warning (12)
TW
TJ -30
–
TJ -20
°C
B+ Undervoltage Threshold to Assert RST
V5.0 = +5.0 V, B+ Falling
B+(FAULT)
12
12.75
13.5
V
B+ Undervoltage Threshold Hysteresis(13)
B+FAULT(HYS)
1.0
1.5
2.0
V
Minimum B+ Necessary to Clear B+ Fault
V5.0 = +5.0 V, B+ Rising
B+RECOVERY
–
–
15.25
V
Notes
10.
If any of these conditions for this not is true, then RST is activated until all operating conditions are met.
11.
The RST terminal uses an external pull-up, which may be to 5.0 V or 3.3 V.
12.
Guaranteed by design.
13.
Alternately, the minimum B+ fault threshold voltage must not be lower than 12 V, and the B+ fault clear voltage must not be higher than
15.25 V. The hysteresis may be greater than 2.0 V if this requirement is met.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 16 V ≤ B+ ≤ 34 V, 0
°C ≤ TA ≤ 70°C, and 0°C ≤ TJ ≤ 100°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com