Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
34921
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
determined by the A/Da[2:0] bits in the serial normal input
frame (refer to Table 11, page 28).
Three different types of conversion can occur (refer to
Table 7):
• Single Conversion 00X does a single conversion of
inputs AN0/ANALOGOUT_A or AN1/ANALOGOUT_B.
• Double Conversion 1XX does a double conversion of
channels A and B, A and A, B and B, or
AN2/ANALOGIN_A and AN3/ANALOGIN_B,
respectively.
• Auto-Select Conversion 011 does a single
conversion of one of the outputs from the analog
encoder interface, as selected by the digital outputs of
the analog encoder interface, DENCA and DENCB.
Table 7. A/D Input Conversion Channel Addressing
A/D Conversion Flow
There is a START conversion bit in the serial channel. The
presence of this bit begins a conversion cycle on the input(s)
selected in that frame. If the ADC is converting when a
subsequent START bit arrives, this start request will be
ignored. Figure 14, A/D Converter Input Structure, page 27,
shows how this process works. The current conversion
completes during the frame prior to the data being returned.
If there is a START bit in that input frame, another conversion
is begun as the previous conversion’s data is being shifted
out. If there is no START bit in the input frame, then another
conversion is begun the frame following receipt of the start
bit. The single conversion rate is paced at four frames for
configuration bit 3 =0 or eight frames (or less) for
configuration bit 3 =1, including sampling time (refer to
Table 13, CONFIG Input Frame Bit Allocation, page 29). In
order to simplify implementation of the 34921, the user must
ensure that no A/D conversions are in progress when an
INFO word is requested. For input pairs, the inputs are listed
in the order of conversion in Table 7.
NORMAL
Input
Frame
Bit 2
NORMAL
Input
Frame
Bit 3
NORMAL
Input
Frame
Bit 4
NORMAL
Output
Frame
Bit 2(27)
NORMAL
Output
Frame
Bit 3(27)
Input(s) Selected
A/Da0
A/Da1
A/Da2
DENCA
DENCB
0
0
0
X
X
AN0/ANALOGOUT_A terminal
1
00X
X
AN1/ANALOGOUT_B terminal
11
0
1
0
Analog encoder interface output A
11
0
0
1
Analog encoder interface output A
11
0
1
1
Analog encoder interface output B
11
0
0
0
Analog encoder interface output B
1
01X
X
Analog encoder interface outputs A and A with S/H (28)
0
01X
X
Analog encoder interface outputs A and B with S/H (28)
0
11X
X
Analog encoder interface outputs B and B with S/H (28)
1
11X
X
AN2/ANALOGIN_A and AN3/ANALOGIN_B terminals (direct input) with
S/H (28)
Notes
Notes
27.
DENCA and DENCB values are captured at the output of the 3 or 6 Edge filter on SCLK rising edge, then immediately
shifted out in the MISO data when CE is high.
28.
Inputs are listed in order of conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com