Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34921
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 16 V ≤ B+ ≤ 34 V, 0
°C ≤ TA ≤ 70°C, and 0°C ≤ TJ ≤ 100°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Serial Interfaces (MISO, MOSI, SCLK, CE)
Input Low Voltage from MCU
V5.0 = 5.0 V, V3.3 = 3.3 V, IIN <200 µA, VIN Falling
VIL
1.11.352.2
V
Input High Voltage
V5.0 = 5.0 V, V3.3 = 3.3 V, IIN <200 µA, VIN Rising
VIH
1.12.002.2
V
Input Hysteresis
V5.0 = 5.0 V, V3.3 =3.3 V
VHYS
0.4
0.6
1.5
V
Output High-Level, MISO (V5.0 = 5.0 V, V3.3 =3.3 V)
IOUT = 150 µA
IOUT =20 µA
VOH(MISO)
2.4
V3.3-0.1
V3.3-25
mV
V3.3-10
mV
V3.3
V3.3
V
Output Low-Level, MISO (V5.0 =5.0 V, V3.3 =3.3 V)
IOUT < 20 µA
IOUT < 150 µA
VOL(MISO)
0.0
0.0
10
25
100
400
mV
Input Pulldown Current
V5.0 = 5.0 V, V3.3 = 3.3 V, VIN = 5.0 V, Includes RST
IPULLDOWN
50
120
175
µA
MISO High-Impedance Current
MISO = 3.3 V or GND
IHI-Z
-100
0.1
100
µA
5.0 V Linear Regulator
Logic Supply Voltage
IV5.0 = 10 mA to 50 mA, 16 V < B+ < 20 V, REXT = 140 Ω
V5.0
4.8
5.0
5.2
V
Load Regulation
ILOAD = 10 mA to 50 mA
VILOAD
––
±100
mV
Current Limit Threshold
REXT = 0 Ω
ILIMIT
75
135
600
mA
V5.0 to Turn On/Off V3.3 Regulator
(7)
V5_3.3t
–2.2
–
V
Hysteresis for V5_3.3t
(7)
V5_3.3t_hys
–
175
–
mV
Notes
7.
See Figure 10, Power-Up Sequencing, page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com