Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 36Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
34921
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Table 21. High-Side Out (HSOUT) Drivers Truth Table (Motor Driver Configured for H-bridge DC Motor)
Note: The HSOUT terminals are controlled by the OUT1 and OUT2 signals (Bit 14 and Bit 15 in the NORMAL input frame).
HSOUT is only available when DC motor is configured as Motor Driver C. (Set Bit 4 = 0 in CONFIG frame.)
Inputs
Output
Xdca
Xdcb
XPWM
OUTx
RST
ILIMIT Output
TSD
HSOUTx
X
X
X
X
X
X
1
OFF
X
X
X
X
0
X
0
OFF
X
X
X
0
1
0
0
OFF
X
X
X
1
1
0
0
ON
X
X
X
1
1
1
0
Limited
Table 22. Step Motor Driver Truth Table (33)
A or B Bit
A
or B Bit
SPWMx Input
ILIMIT
RST
TSD
Output x
Output x
X
X
X
X
X
1
OFF
OFF
X
X
X
X
0
0
OFF
OFF
X
X
X
1 (34)
1
0
Limited or OFF
Limited or OFF
0
0
X
0
1
0
OFF
OFF
0
1
0
0
1
0
ON
OFF
0
1
1
0
1
0
OFF
ON
1
0
0
0
1
0
OFF
ON
1
0
1
0
1
0
ON
OFF
1
1
X
0
1
0
OFF
OFF
Notes
33.
To reduce parasitic dissipation associated with the body diode, the counterphase is turned on for synchronous rectification.
34.
The current limit sense function may be disabled when the outputs are disabled. Hence, the output will oscillate between the requested
state from the Truth Table and this state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com