Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
34921
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Step motor driver C is PWM’d via an input from the digital
subsystem on the CPWMA/CDCPWM terminal. This signal is
approximately 20 kHz to 40 kHz. There are pull-downs on the
PWM input terminals so that DC motor drive C will default to
a safe condition in the event of a connection failure.
STEP MOTOR DRIVER
A step motor driver can be configured as a DC motor driver
(refer to preceding paragraph DC Motor Drivers) or, when
B+NOM ≤ 20 V, as a unipolar step driver. Serial input
configuration frame bit 4 determines the mode: 0 = step
mode, 1 = DC mode. A step motor driver will only be used in
B+ = 12 V to 20 V applications.
Note It is possible to use the step motor driver with
B+ > 20 V if the step motor is driven from a separate supply
that is
≤ 20 V.
The step motor driver on the 34921 is a unipolar, voltage-
mode wave drive circuit employing synchronous rectification.
The centertap of each phase-counterphase pair is connected
to B+.
Two PWM signals are sent directly from the digital
subsystem. The CPWMA/CDCPWM terminal provides the
PWM signal for the A and A outputs. The CPWMB terminal
provides the PWM signal for the B and B outputs. The step
motor driver employs synchronous rectification to control
substrate currents. In synchronous rectification, when an
output is turned off, the counterphase output MOSFET is
turned on to maintain current continuity. In order to avoid a
large shoot-through current, there is a dead time delay
(tdelay) between phase off and counterphase on. Refer to
Figure 5, Step Motor Crossover Delay Timing, page 16.
VBOOST CHARGE PUMP
The high-side MOSFETs in the DC motor H-bridges and
the external GATEOUT switch need a gate voltage in excess
of B+, which is provided by the VBOOST supply. The
VBOOST regulator is a charge pump, switching directly off
the B+ supply and operating at 200 kHz.
EXTERNAL N-FET GATE DRIVE OUTPUT
The GATEOUT terminal is an output for a high-side
N-channel MOSFET gate drive. The output will be used to
drive an external high-side MOSFET switch (see figure
below). When enabled, GATEOUT will be connected to the
Vb supply. The edge rates when switching the transistors
must be controlled so that shoot-through current does not
affect B+.
Figure 11. External N-FET Gate Drive Circuit
CLOCKING SCHEMES
There are two basic clocking schemes that can be used
while clocking data into the MC34921 IC. One has 16 rising
edges of SCLK while CE is in a logic low state and the other
has 15 rising edges of SCLK. In the 15 SCLK clocking
scheme, the input data and output data are latched on the
same clock edge. In the timing diagram on page 16, the
numbers on the MOSI line are the bits that will be clocked into
the input shift register at the rising edge of SCLK. They are
drawn occurring before SCLK to account for the required
setup time (minimum 15ns). The numbers on the MISO line
are the bits that will be clocked out at the rising edge of SCLK.
They are drawn occurring after SCLK to account for the
output delay from the rising edge of SCLK (maximum 40ns).
The numbers on the SCLK line are for reference only.
Note: when using the 15 bit clocking method with exactly
one rising edge of SCLK when CE is in a logic high state, the
output data to be sent out is latched at the same time the
IREQ bit is latched in. The next frame following the assertion
of the IREQ bit is the IREQ data. I.e., the frame after the
sending of the IREQ bit will have the data from the IREQ
register rather than skipping one frame. Note: regarding the
reporting of the DONE bit after the completion of an A/D
conversion: the DONE bit is sent out every time a conversion
completes. This requires the user to hold the MOSI pin in a
low state when it is not being used to transmit data. Refer to
Figure 4, Serial Interface Timing and Figure 5, Step Motor
Crossover Delay Timing
SUPERVISORY (RST) FUNCTION
Supervisory Circuitry
The supervisor circuitry provides control of the RST line, an
open drain signal, based on system operating conditions
monitored by the 34921 IC. V5.0, V3.3, VCORE, B+, and
thermal shutdown detectors in various parts of the chip are
monitored for error conditions. Because other devices in the
system may trigger a reset, the RST line itself is also
monitored, but the supervisor circuitry controls all reset
timing, including externally generated resets. Driving the RST
line low causes the system to be held in the reset state. V5.0,
Vb
GATEOUT
B+
RS
CS
GATEOUT
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com