Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 33Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 34Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 35Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 36Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
34921
PACKAGE DIMENSIONS
PACKAGE DIMENSIONS
For the most current revision of the package, visit www.freescale.com and do a keyword search using the 98A number for the
specific device related to the data sheet.
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
DIMENSIONS ARE IN INCHES.
INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994.
DATUMS A, B AND D TO BE DETERMINED AT
SEATING PLANE C.
DIMENSIONS D AND E TO BE DETERMINED AT
SEATING PLANE C.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED
THE MAXIMUM b DIMENSION BY MORE THAN 0.08
mm. DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN
PROTRUSION AND ADJACENT LEAD OR
PROTRUSION 0.07 mm.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 mm
PER SIDE. D1 AND E1 ARE MAXIMUM PLASTIC BODY
SIZED DIMENSIONS INCLUDING MOLD MISMATCH.
EXACT SHAPE OF EACH CORNER IS OPTIONAL.
THESE DIMENSIONS APPLY TO THE FLAT SECTION
OF THE LEAD BETWEEN 0.10 mm AND 0.25 mm FROM
THE LEAD TIP.
64
0.2 H A-B D
1
49
48
17
16
32
33
B
E/2
E
E1
D1
D/2
D
D1/2
3X
VIEW Y
4X
4X 16 TIPS
0.2 C A-B D
E1/2
A
D
PIN 1
IDENTIFIER
AB
AB
e/2
e
60X
X=A, B OR D
CL
VIEW Y
X
S
0.05
Z1
0.25
GAGE PLANE
A2
(S)
R
(L1)
L
A1
VIEW AA
Z
R1
Z2
4X
SEATING
PLANE
A
VIEW AA
0.08 C
Z3
4X
C
H
A-B
M
0.08
D
C
64X
b
J
J
b1
SECTION AB-AB
ROTATED 90˚ CLOCKWISE
b
c1
c
PLATING
BASE METAL
8
8
8
8
MILLIMETERS
12.00 BSC
10.00 BSC
0.50 BSC
12.00 BSC
10.00 BSC
1.00 REF
DIM
A
A1
A2
b
b1
c
c1
D
D1
e
E
E1
L
L1
S
F
G
Z1
Z2
Z3
Z
R1
R2
MIN
---
0.05
1.35
0.17
0.17
0.09
0.09
0.45
6.00
0˚
0˚
0.20
6.00
0.08
0.08
11˚
11˚
MAX
1.60
0.15
1.45
0.27
0.23
0.20
0.16
0.75
7.00
7˚
---
---
7.00
---
---
13˚
13˚
G
F
VIEW J-J
EXPOSED PAD
AE SUFFIX (Pb-Free)
64-TERMINAL LQFP EXPOSED PAD
PLASTIC PACKAGE
98ARH98426A
ISSUE 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com