Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
34921
STATIC ELECTRICAL CHARACTERISTICS
Analog Encoder Interface Current-to-Voltage Conversion Stage
Minimum Offset Current
IOFFSET_MIN
-6.0
-8.0
-10
µA
Midpoint Offset Current
IOFFSET_MID
-0.5
0.0
0.5
µA
Maximum Offset Current
IOFFSET_MAX
6.0
8.0
10
µA
Offset Step Size (1 LSB)
IOFFSTEP
0.25
0.5
0.75
µA
Analog-to-Digital Converter
Resolution, No Missing Codes
ADC
–
–
8.0
Bits
Measurement Range for Correct Conversion
IMR
0.0
–
5.0
V
Linearity Error (16)
Over Input Voltage Range of 4% to 96% Ideal Measurement Range
(IMR) max. Over Time and Temperature (14), (15)
VIN = -0.5 to 5.5 V (17)
INL
–
0.4
±1.0 LSB
–
Input Leakage Current (ANx)
V5.0 = 5.0 V, TJ = 25°C, VANx = 5.0 V, ANALOG_TEST MODE = 0,
Channel Not Selected
ILEAKAGE
–
0.1
10
µA
Notes
14.
Errors include effects of multiplexer and sample and hold circuitry, including droop.
15.
The Linearity Error is the worst case error caused by the differential and integral nonlinearity.
16.
An LSB (least significant bit) is defined as follows:
17.
The ADC will read full scale at VIN = 5.0 V. If VIN on one input exceeds this value, the value of other inputs may become unreadable.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 16 V ≤ B+ ≤ 34 V, 0
°C ≤ TA ≤ 70°C, and 0°C ≤ TJ ≤ 100°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
LSB =
IMR
2#BITS-1
Volts
Where:
IMR is the Ideal Measurement Range.
#BITS is the resolution of the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com