Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
34921
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
A/D Converter Input Structure
The input impedance of a selected channel is an RC
circuit. As shown in Figure 14, the input impedance of the
selected channel is a resistor connected to the sample and
hold (S/H) capacitor. The sample and hold time is 15 * tSCLK,
or a minimum of 0.9285
µs. The tolerances of the internal S/
H components are such that a time constant is about 93.6 ns.
Therefore to achieve a proper level on the S/H capacitor
(5*93.6 ns) = 0.468
µs, minimum, is required to satisfy
internal component time constants. This only allows 460 ns
for external time constants. Therefore, the maximum source
impedance of the circuit driving the selected A/D channel is
7.8 k
Ω when the SCLK speed matches the speed
configuration bit.
Figure 14. A/D Converter Input Structure
ADC Output Addressing
The return word to the digital subsystem also contains two
conversion done bits, A/Ddone1 and A/Ddone2 (refer to
Table 8). The A/Ddone1 bit is used for single conversions
and the first conversion when input pairs are selected. The
A/Ddone2 bit is used for the second conversion when input
pairs are selected. A zero to one transition of these bits on
successive return words indicates that a conversion cycle is
complete and the data sent in that return word is valid for that
conversion. The conversion done bits will only be asserted for
one serial frame, although the data may be valid for multiple
frames. The A/Dr bits indicate which A/D input is being
reported when data is valid (refer to Table 9).
Idle
A2Ddone1=0
A/Da=Last Address
A/Dd=Last
Conversion
Start
A2Ddone2=0
Conversion
Convert
A2Ddone1=0
A/Da=Current
A/Dd=Last
A2Ddone2=0
Conversion
Start
Start
Start
Done
A/Da=1
Start
Start
Conversion
Done
Address
Send Data
A2Ddone1=0
A2Da=Current
A2Dd=Current
A2Ddone2=0
Conversion
Address
Convert2
A2Ddone1=0
A/Da=Current
A/Dd=Last
A2Ddone2=0
Conversion
Address
Send Data2
A2Ddone1=0
A/Da=Current
A/Dd=Current
A2Ddone2=1
Conversion
Address
Note “Start” is bit 1 of the serial input normal frame.
Table 8. A/D Done Bits
A/Ddone1
A/Ddone2
Return Data and A/Dr Value
Rising
0
Valid for single or first conversion
0
Rising
Valid for second conversion
0
0
Don’t care
Table 9. A/D Channel of Current A/D Data
NORMAL
Output
Frame
Bit 4
NORMAL
Output
Frame
Bit 5
NORMAL
Output
Frame
Bit 6
A/D Value Reported
A/Dr0
A/Dr1
A/Dr2
0
0
1
A
1
0
1
B
0
1
1
A
1
1
1
B
0
0
0
AN0/ANALOGOUT_A
1
0
0
AN1/ANALOGOUT_B
0
1
0
AN2/ANALOGIN_A
(direct input)
1
1
0
AN3/ANALOGIN_B
(direct input)
I/V
I/V
Channel Select Logic
S/H
C < 11.7 pF
hold
SCLK
AN0/ANALOGOUT_A
AN1/ANALOGOUT_B
AN2/ANALOGIN_A
AN3/ANALOGIN_B
A
A
B
B
Multiplexer RDS(on) < 8.0 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com