Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
34921
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
V3.3, VCORE, B+, and TSD have both positive- and negative-
going thresholds.
Static Operating Specifications
The state of RST is guaranteed as long as the minimum
supervisor operating conditions of B+
≥ 9.0 V and V5.0 ≥
2.0 V and V3.3 ≥ 1.5 V and VCORE are met. Once all these
conditions are met, RST is dependent on system operating
conditions. During initial power-up, RST is held low if any one
of the following error conditions is present: +5.0 V(low),
VCORE(low), +3.3 V(low), B+(low), or TSD. Once all voltages
reach their positive-going threshold, RST is set high after the
appropriate timing.
Dynamic Operating Specifications
The RST is a bidirectional signal with an open drain output
driver and a CMOS digital input gate (see Figure 12). This I/
O structure allows wired OR connection to the CPU’s RST I/
O terminal, as well as allowing the CPU to initiate a reset
cycle by driving its RST terminal low. When responding to a
CPU request for a reset cycle, the 34921 IC must respond
rapidly enough to prevent a glitch. Figure 6, RST Timing,
page 17, shows the timing parameters for responding to an
externally applied RST signal.
Figure 12. RST Terminal Interface
The rise time with the open drain circuit may be relatively
slow, and the internal RST input gate must operate reliably
(no oscillations during the transition) under these conditions;
i.e., the RST input can be inhibited for up to tphsl (max). Error
conditions must be present for a minimum time, tfilter, before
the 34921 responds to them. Once all error conditions are
cleared, RST is held low for an additional time of tdelay,
128 SCLK periods. If any monitored item falls below its
negative-going threshold for t filter, 1.5 µs to 5.0 µs, the tdelay
count is restarted when system operating conditions are met,
regardless of whether the tdelay count has been completed.
The trigger for the tdelay retriggerable one shot is
([+5.0 V(low) + 3.3 V(low) + VCORE (low) + B+(low) + TSD]
and tfilter), where tfilter is the 1.5 µs to 5.0 µs delay.
RST and Thermal Shutdown State (TSD) Definition
There are seven registers in the INFO output word where
the trigger for the reset is recorded. This includes externally
generated resets as well as all the fault conditions listed in the
Supervisory Functions section of this datasheet. These
registers will remain valid as long as B+
≥ 9.0 V. The fault
registers will only be cleared upon an externally generated
RST
and will not be guaranteed for B+ < 9.0 V; i.e., initial
power-up or a serious B+ fault. The EXT bit will only be set
upon an externally generated reset.
Whenever RST is asserted and TSD is not set, the MISO
terminal will enter a high-impedance state, all the step motor
outputs will be off, and all the DC motor low-side drives will
be on. In addition, all internal data registers excepting the
RST
fault registers in the INFO output word will be set to their
default values.
The thermal shutdown circuitry will monitor the chip’s
internal temperature at various points. The overtemperature
circuitry will disable all circuitry on the 34921 IC with the
exception of the RST output. RST will be asserted when the
temperature exceeds 140°C. This condition will be
maintained (regulators shut down in accordance with
Table 6, page 24) until the die temperature falls by the
thermal hysteresis amount, at which time the 5.0 V and 3.3 V
regulators will restart and the supervisor circuit will issue a full
length reset pulse. The system will then perform a normal
restart. The purpose of this circuitry is to prevent damage to
the 34921 owing to inadvertent high dissipation in the motor
drivers.
Table 6. Regulator Shutdown Schedule
ANALOG ENCODER INTERFACE
Introduction
The analog encoder interface is intended to provide a
complete interface for an analog quadrature encoder, such
as an Agilent Technologies HEDS-9710/HEDS-9711 series
of analog output small optical encoder modules.
From
Internal
Reset
Circuits
To Internal
Registers
RST
CLOAD
Optional
Condition
XDCMA(26)
XDCMB(26)
SX
SX
5.0 V
VCORE 3.3 V
Fault Registers
Other Data
Registers
RST
0
0
OFF
OFF
ON
ON
ON
Updated at falling RST
Default value
TSD and RST
Z
Z
OFF
OFF
OFF
ON
OFF
Updated at falling RST
Default value
TSDCore and RST
Z
Z
OFF
OFF
OFF
OFF
OFF
Updated at falling RST
Default value
Notes
26.
XDCMA and XDCMB: 0 means low-side ON, 1 means high-side ON, Z means both OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com