Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  34921 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34921
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. Terminal Function Description
Table 1. Terminal Function Description
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 18
Terminal
Terminal Name
Formal Name
Definition
1, 16, 17, 24,
32, 33, 41,
48, 49, 64
GND
Ground
Ground.
2
VCORE SELECT
Core Voltage Output
Select
Core voltage regulator output voltage select.
3SA/CDCMA
Unipolar Step A/
DC Motor C Output A
Step Motor Output A or DC Motor C Output A.
4SA/CDCMB
Unipolar Step A/
DC Motor C Output B
Step Motor Output A or DC Motor C Output B.
5SB/LSOUT1
Unipolar Step B/
Low-Side 1
Step Motor Output B or Low-Side Output 1.
6SB/LSOUT2
Unipolar Step B/
Low-Side 2
Step Motor Output B or Low-Side Output 2.
7, 20, 21, 28,
29, 62
B+
Power Supply Input
Motor and regulator input voltage.
8, 9, 25,
40, 57
NC
No Connect
No internal connection to this terminal.
GND
VCORE SELECT
SA/CDCMA
3.3V SWITCH
3.3 V
VCORE SUPPLY
VCORE
ADCMA
ADCMA
GND
SB/LSOUT2
B+
NC
NC
SA/CDCMB
SB/LSOUT1
GND
ENC_FILTA
ENC_FILTB
5 V
5 V SUPPLY
5 V SWITCH
5 V SELECT
BDCMA
BDCMA
GND
AN1/ANALOGOUT_B
AN0/ANALOGOUT_A
GND
NC
AN3/ANALOGIN_B
AN2/ANALOGIN_A
2
3
10
11
12
13
14
15
16
6
7
8
9
4
5
48
47
46
39
38
37
36
35
34
33
43
42
41
40
45
44
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com