Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 32Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
34921
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
CONFIG MODE:
Configuration mode is the mode in which the IC is programmed or configured by the external digital subsystem via the serial
interface (i.e., MOSI, MISO, SCLK, CE).
Table 12. CONFIG Mode Input Frame Programming Model
Table 13. CONFIG Input Frame Bit Allocation (32)
Table 14. Calibration Register Addressing
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mtest1 Mtest0
cal4
(MSB)
cal3
cal2
cal1
cal0
(LSB)
ANALOG
_TEST
MODE
caladdr
1
caladdr
0
Filter
DC SS
A/D
Speed
sleep
IREQ
config
Bit
Bit Name
Bit Description
15–14
Mtest[1:0]
Reserved for Freescale test. Set to [10].
13–9
cal[4:0]
Data for various calibration registers.
8
ANALOG_TEST
MODE
Routes A and B output of analog encoder interface to AN0 and AN1, respectively. Used only for user
development and verification. Do not use in normal operation.
7–6
caladdr[1:0]
Determines the calibration register, as identified in Table 14 below, the calibration data in the cal[4:0] (Bits
13–9) bits is latched in.
5
Filter
Determines the number of SCLK edges used to filter the DENCA and DENCB signals coming from the Digital
Signal Generation stage of the analog encoder interface. This digital filter filters the DENCA and DENCB
signals made available to the serial output frame.
4
DC SS
Determines if Motor Driver C operates in DC motor or step motor mode. Implicitly determines whether
HSOUTx or LSOUTx are available. In DC motor mode, LSOUTx are available; in step motor mode, HSOUTx
are available.
3
A/D Speed
Determines how many SCLK edges are required for conversion. This allows the use of a faster SCLK but still
maintains A/D conversion accuracy.
2
sleep
When asserted, causes the 34921 to enter a power-down state, and minimize power consumption.
1
IREQ
Causes the next output frame sent to the host to contain internal information from the 34921.
0
config
The input frame can be either a configuration frame or a normal frame. Bit 0 determines the type of frame being
received. Bit 0 = 1 is a configuration mode input frame.
Notes
32.
All defaults = 0 at power up.
caladdr0
caladdr1
Register
0
0
Channel A gain
1
0
Channel A offset
0
1
Channel B gain
1
1
Channel B offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com