Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
34921
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
The Agilent HEDS-9710/HEDS-9711 incremental analog
quadrature encoder is a 200 lpi encoder that outputs a
quadrature analog current reflecting the position of the
encoder codewheel/codestrip within the encoder. The analog
encoder interface must provide six functions to support this
encoder: force a bias point of 1.3 V, current-to-voltage
conversion, offset current nulling, output amplitude adjust
(variable gain), channel inversion, and digital phase
generation (see Figure 13).
Note: Freescale does not assume liability, endorse, or
warrant components from external manufacturers that are
referenced in this document. While Freescale offers
component recommendations, it is the customer’s
responsibility to validate their application.
Figure 13. Analog Encoder Interface Block Diagram
I/V Conversion Stage
The I/V conversion stage is carried out by a
transimpedance amplifier using an external resistor. There is
a resistor to ground at the ANALOGIN_x input to allow offset
current trim and force the proper bias point on the encoder.
The feedback resistor should be sized to accommodate
±2.5 V output voltage swing for the full encoder current
waveform. For example, if the encoder produces a ±50
µA
signal, the feedback resistor needs to be 50 k
Ω.
The resistor to ground must have a specific relationship to
the feedback resistor. It needs to be 1.17 times the feedback
resistor, or 58.5 k
Ω for the example above. This ensures that
the encoder is biased at 1.35 V, and that the output of the
transimpedance amplifier is 2.5 V.
The I/V conversion stage can trim an encoder offset
current of up to ±8.0
µA in the encoder output.
Variable Gain Amplifier
The I/V conversion stage is followed by a variable gain
amplifier that can compensate for variations in the encoder
output. This is designed to accommodate manufacturing
variations in the encoder, as well as aging and other effects.
The gain can be changed over the serial interface at any time.
The output of the variable gain amplifiers can be routed to
the ANALOGOUT_x terminals for engineering evaluation.
Otherwise, these terminals are general purpose A/D inputs.
Channel Inversion and Digital Phase Generation
The A and B channels are inverted by applying the
function CHANNELx = 2.5 V - CHANNELx. This results in four
signals: A, B, A, and B. These signals are used produce the
digital encoder signals DENCA and DENCB, which are
converted by the ADC to provide the analog position
information. The value of the DENCA and DENCB signals
determine which signal—A, B, A, or B—is converted. Refer to
Table 7, page 26, for more information.
Position Information
The entire position information is produced by
concatenating the value of the a quadrature counter, driven
by DENCA and DENCB bits, and the 8 bits of “fractional”
information from the ADC.
Calibration of the Encoder
It is necessary to adjust the gain and offset of the I/V circuit
initially and periodically to compensate for encoder-to-
encoder variation, aging, and other effects. The ADC “double
conversion” function allows this by continuously sampling the
A and B signals, allowing a map of the encoder output to be
built up. The user will need to provide the necessary
algorithm to use the waveform map to produce gain and
offset calibration values for both channels.
ANALOG-TO-DIGITAL CONVERTER
Introduction
There is an 8-bit analog-to-digital converter (ADC) on the
34921 IC that uses the on-board voltage reference and
derives all the necessary timing signals from the SCLK input.
The ADC is referenced to the same ground as the system
ground (GND).
ADC Input Selection
The ADC has an 8-channel analog multiplexer so that all
inputs share one ADC. The input(s) to be converted are
To ADC
A
A
To Serial
Interface
DENCA
DENCB
To ADC
A
B
B
B
B
A
Variable Gain
Amplifier
Variable Gain
Amplifier
ENC_FILTA
ENC_FILTB
1.3 V
AN3/ANALOGIN_B
-1
-1
AN2/ANALOGIN_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com