Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34921
MAXIMUM RATINGS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Max
Unit
ELECTRICAL Ratings
Input Power Supply Voltage
IB+ = 0.0 A
B+
-0.3 to 38
V
Logic Input Voltage
VIN
-0.3 to V5.0+0.3
V
Boost Supply Voltage
VBOOST
B+ +15
V
Input Power Supply Ripple Voltage
Ripple Voltage Measured at < 20 MHz
VRIPPLEB
400
mVPP
Motor Drivers A & B Maximum Output Voltage
VOUTMAX
40
V
5.0 V Linear Regulator Maximum Output Voltage
Startup
V5.0
5.4
V
5.0 V Switching Regulator Maximum Output Voltage
Startup
V5.0
5.4
V
3.3 V Switching Regulator Maximum Output Voltage
Startup
V3.3
3.6
V
VCORE Linear Regulator Maximum Output Voltage
ICORE =0.0 A
VCORE
VCORE_NOM +10%
V
Motor Drivers A, B, and C (Motor Driver C Configured as Step Motor Driver)(1)
Motor Driver A Sink or Source Current
Motor Driver B Sink or Source Current
Motor Driver C Sink or Source Current
IPWM(A)
IPWM(B)
IPWM(C)
±4.5
±4.5
±1.5
A
Motor Driver C in Step Mode Step Motor Output Current
Output x or x On
ISTEP
2.0
A
Motor Driver C in Step Mode Standoff Voltage
Output Off, IDSS = 10 mA
VBVDS
60
V
ESD Voltage(2)
Non-Operating, Unbiased, Human Body Model
Machine Model
Charge Device Model
VESD
±2000
±200
±250
V
Notes
1.
B+ = 34 V, Motor Stalled and Saturated
2.
ESD testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (CZAP = 200
pF, RZAP = 0 Ω), and the Charge Device Model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com