Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 27Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 28Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 29Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 30Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 31Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
34921
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
NORMAL MODE:
Normal mode is the normal operating mode of the IC (as opposed to the Configuration mode or Information Request mode).
Table 10. NORMAL Mode Input Frame Programming Model
Table 11. NORMAL Input Frame Bit Allocation (29)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OUT2
OUT1
B
B
A
/Cdcb A/Cdca
Adcb
Adca
Bdcb
Bdca
GATE
OUT
A/Da2
A/Da1
A/Da0
start
config
Bit
Bit Name
Bit Description
15– 14
OUT2, OUT1
High-side or low-side output control. Bit 4 of the configuration mode input frame determines which output is
controlled. Output turns on when corresponding bit is asserted. Refer to Table 20 and Table 21 Truth Tables,
page 31 and page 32, respectively, for operation.
13– 10
B
,B, A,A
(31)
Step motor outputs, inverting. Corresponding output on when bit asserted. Refer to Table 22 Truth Table,
page 32, for operation.
11– 10
A
/Cdca, A/Cdcb
(30)
Motor driver C direction bits. Outputs follow these bits, regardless of PWM value, when they are equal; i.e., 00
or 11. Refer to Table 19 Truth Table, page 31, for operation.
9– 8
Adcb, Adca
Motor driver A direction bits. Outputs follow these bits, regardless of PWM value, when the are equal; i.e., 00
or 11. Refer to Table 19 Truth Table, page 31, for operation.
7– 6
Bdcb, Bdca
Motor driver B direction bits. Outputs follow these bits, regardless of PWM value, when the are equal; i.e., 00
or 11. Refer to Table 19 Truth Table, page 31, for operation.
5
GATEOUT
Assertion puts Vb on the GATEOUT terminal. Deassertion connects the GATEOUT terminal to ground.
4–2
A/Da[2:0]
A/D conversion target channel. These bits determine which input(s) to the ADC are to be converted.
1
start
A/D conversion start bit. This bit causes the ADC to sample the input(s) specified by bits A/Da[2:0] (bits [4:2])
and begin an analog-to-digital conversion. This bit is ignored if a conversion is already in progress.
0
config
The input frame can be either a configuration frame or a normal frame. Bit 0 determines the type of frame being
received. Bit 0 = 0 is a normal mode input frame.
Notes
29.
All defaults = 0 at power up.
30.
When in DC motor mode.
31.
When in step motor mode, outputs are A, A, B, and B; when in DC motor mode, outputs B and B have no function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com