Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34921
STATIC ELECTRICAL CHARACTERISTICS
Motor Drivers in DC Mode (cont)
Output MOSFET Leakage Current
VGS = 0.0 V, VO = 0.0 V or 20 V
IDSS
–0.1
±40
µA
Current Limit Maximum Duty Cycle(9)
IDCLIMIT
1.0
2.0
4.0
%
Current Limit Pulse Width(9)
ILIMITPW
0.5
1.5
6.0
µs
Motor Driver C in Step Mode
Switch Voltage Drop, Output to Ground
ISTEP = 0.375 A, GND to Output
VSDROP
––
1.5
V
Step Motor Current Limit
B+ = 20 V
ISTEP(LIMIT)
1.0
–
2.0
A
Voltage at Which Internal Clamp Activates
IDSS = 1.0 mA, B+ = 20 V
VCLAMP
44
51
59
V
Tested Maximum High-Voltage Leakage Current
VS = VCLAMP +4.0
IBREAKDOWN
–0.5
40
µA
Any Step Driver Output Leakage Current to Ground
B+ = 20 V, VS = 20 V
ILEAKAGE
–0.1
40
µA
Current Limit Maximum Duty Cycle
tdILIMIT
5.0
11
15
%
Current Limit Pulse Width
ILIMITPW
510
20
µs
Vb Charge Pump
Boost Voltage
IB = 0.5 mA
Vb
B++10
B++11.5
B+ +15
V
External N-FET Gate Drive Output
GATEOUT High Output
IOH = 4.0 mA
IOH = 200 µA
VOH2
Vb -6.0
Vb -0.3
Vb -2.5
Vb -.1
Vb
Vb
V
GATEOUT Low Output
IOL = -200 µA
VOL
–0.1
0.3
V
Notes
9.
Motor driver A, B, C Top Side only. For C Bottom Side, see Motor Driver C in Step Mode: Current Limit Maximum Duty Cycle and Current
Limit Pulse Width
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 16 V ≤ B+ ≤ 34 V, 0
°C ≤ TA ≤ 70°C, and 0°C ≤ TJ ≤ 100°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com