Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  34921 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34921
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 34921 Simplified Internal Block Diagram
Supervisor
Circuitry
RST
Gate Driver
GATEOUT
VBOOST
CP2
CP1
Charge Pump
Gate Voltage
Generator
5 V
5 V SUPPLY
5 V SWITCH
5 V SELECT
5.0 V
Dual Mode
Regulator
VCORE SELECT
VCORE
VCORE SUPPLY
VCORE
Linear
Regulator
3.3 V
3.3 V SWITCH
B+
3.3 V Switching
Regulator
AN0/ANALOGOUT_A
AN1/ANALOGOUT_B
AN2/ANALOGIN_A
AN3/ANALOGIN_B
A/D
Converter
and
Multiplexer
I/V
Converter
ENC_FILTA
ENC_FILTB
GND
Serial I/O
DGND
B+
CE
SCLK
MOSI
MISO
CPWMA/CDCPWM
CPWMB
SB
/LSOUT2
S
B/LSOUT1
SA
/CDCMB
S
A/CDCMA
Active Clamp
Step
Motor Driver
CDCMB/HSOUT2
CDCMA/HSOUT1
SS DC Motor Driver
ADCMB
Motor Driver A
B+
ADCMA
APWM
BDCMB
Motor Driver B
B+
BDCMA
BPWM
Thermal
Shutdown
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com