Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 34921 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34921
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 16 V ≤ B+ ≤ 34 V, 0
°C ≤ TA ≤ 70°C, and 0°C ≤ TJ ≤ 100°C unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Serial Interface Timing(22)
Setup Time for CE to rising edge of SCLK (CL = 50 pF)
tsetup(CE)
15
–
–
ns
Hold Time for CE after rising edge of SCLK (CL = 50 pF)
thold(CE)
15
–
–
ns
Setup Time for MOSI to rising edge of SCLK (CL = 50 pF)
tsetup(MOSI)
15
–
–
ns
Hold Time for MOSI after rising edge of SCLK (CL = 50 pF)
thold(MOSI)
15
–
–
ns
Delay for MISO valid after rising edge of SCLK (CL = 50 pF)
tdelay(MISO)
–
35
55
ns
Period for SCLK (CL = 50 pF)
tperiod(SCLK)
125
–
750
ns
Duty Cycle of SCLK
tduty (SCLK)
45
–
55
%
5.0 V Switching Regulator
Switching Rise and Fall Time
Load Resistance = 100
Ω, B+ = 18 V
tr, tf
10
30
50
ns
3.3 V Switching Regulator
Switching Rise and Fall Time
Load Resistance = 100
Ω, B+ = 18 V
tr, tf
10
16
50
ns
Motor Drivers
Motor Drivers A and B Output Waveform Rise Time
R = 7.0
Ω, VDCX = (5.0 V) to (0.90 x B+), B+ = 18 V
tr
100
175
300
ns
Motor Driver C Output Waveform Rise Time
R = 25
Ω, VDCX = (5.0 V) to (0.90 x B+), B+ = 18 V
tr
100
175
300
ns
Output Waveform Fall Time
VDCX = (0.90 x B+) to 5.0 V, R = 7.0 Ω, B+ = 18 V
tf
100
–
300
ns
Crossover Dead Time (23)
tdead
15
600
2000
ns
Motor Driver C in Step Mode
Output Rise Time
VXPHASE = 5.0 V to 0.90 x B+, Rw = 20 Ω, B+ = 18 V
tr
100
175
350
ns
Output Fall Time
VXPHASE = 0.90 x B+ to 5.0 V, Rw = 20 Ω, B+ = 18 V
tf
100
155
350
ns
Delay from Phase Turn-Off to Counterphase Turn-On
Rw = 20 Ω, 0.90 x B+ Rising to 0.90 x B+ Falling, B+ = 18 V Falling
tdelay (C)
0.0
300
400
ns
Notes
22.
See Figure 4, Serial Interface Timing, page 16.
23.
This parameter is guaranteed by design but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com