Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34921 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34921
Description  Configurable Motor Driver IC with Power Supplies
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34921 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34921 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34921 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34921
TERMINAL CONNECTIONS
10
3.3 V SWITCH
3.3 V Switching
Regulator Switch
Output
3.3 V regulator switching output.
11
3.3 V
3.3 V Regulator
Feedback
Feedback terminal for 3.3 V switching regulator and internal logic supply.
12
V
CORE SUPPLY
Core Voltage
Regulator Input
Core regulator input supply.
13
V
CORE
Core Voltage
Regulator Output
Core regulator output voltage.
14, 15
ADCMA
DC Motor A Output A
DC motor driver A output A.
18, 19
ADCMB
DC Motor A Output B
DC motor driver A output B.
22
VBOOST
Boost Voltage
Boost voltage storage node.
23
CP2
Switching Capacitor 2
Charge pump capacitor connection 2.
26
CP1
Switching Capacitor 1
Charge pump capacitor connection 1.
27
GATEOUT
High-Side MOSFET
Gate Driver
Gate driver for external N-channel switch.
30, 31
BDCMB
DC Motor B Output B
DC motor driver B output B.
34, 35
BDCMA
DC Motor B Output A
DC motor driver B output A.
36
5 V SELECT
5.0 V Regulator Mode
Select
5.0 V regulator operating mode select.
37
5 V SWITCH
5.0 V Switching
Regulator Switch
Output
5.0 V switching regulator switching output.
38
5 V SUPPLY
5.0 V Regulator Input
Supply
5.0 V regulator input voltage.
39
5 V
5.0 V Regulator
Feedback
5.0 V regulator feedback.
42
AN0/ANALOGOUT_A
AN0/Analogout_A
A/D input 0 or analog encoder output A.
43
AN1/ANALOGOUT_B
AN1/Analogout_B
A/D input 1 or analog encoder output B.
44
AN2/ANALOGIN_A
AN2/Analogin_A
A/D input 2 or analog encoder input A.
45
AN3/ANALOGIN_B
AN3/Analogin_B
A/D input 3 or analog encoder input B.
46
ENC_FILTB
Analog Encoder
Channel B Filter
I/V amplifier channel B filter.
47
ENC_FILTA
Analog Encoder
Channel A Filter
I/V amplifier channel A filter.
50
RST
Reset
Reset input and output.
51
MISO
Master In Slave Out
Serial data out to MCU.
52
MOSI
Master Out Slave In
Serial data in from MCU.
53
SCLK
Serial Clock
Serial data clock.
Table 1. Terminal Function Description (continued)
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 18
Terminal
Terminal Name
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com