Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 171 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 171 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 167Page - Integrated Device Technology STAC9271 Datasheet HTML 168Page - Integrated Device Technology STAC9271 Datasheet HTML 169Page - Integrated Device Technology STAC9271 Datasheet HTML 170Page - Integrated Device Technology STAC9271 Datasheet HTML 171Page - Integrated Device Technology STAC9271 Datasheet HTML 172Page - Integrated Device Technology STAC9271 Datasheet HTML 173Page - Integrated Device Technology STAC9271 Datasheet HTML 174Page - Integrated Device Technology STAC9271 Datasheet HTML 175Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
171
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.26.2. InPort1Mux ConLst
6.26.3. InPort1Mux OutAmpCap
Table 406. InPort1Mux ConLst
Command Verb Format
Verb ID
Payload
Response
Get
F00
0E
See bitfield table.
Table 407. InPort1Mux ConLst
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd
R
0x0
Reserved
[7]
LForm
R
0x0
Connection list uses short-form (7-bit) NID
entries.
[6.:0]
ConL
R
0x09
Number of NID entries in connection list.
Table 408. InPort1Mux OutAmpCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
12
See bitfield table.
Table 409. InPort1Mux OutAmpCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Mute
R
0x0
No mute capability
[30.:23]
Rsvd3
R
0x0
Reserved
[22.:16]
StepSize
R
0x27
Size of each step in the gain range = 10dB
[15]
Rsvd2
R
0x0
Reserved
[14.:8]
NumSteps
R
0x04
Number of steps in the gain range = 5 (0dB to +40dB)
[7]
Rsvd1
R
0x0
Reserved
[6.:0]
Offset
R
0x00
0dB-step is programmed with this offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com