Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 173 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 173 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 169Page - Integrated Device Technology STAC9271 Datasheet HTML 170Page - Integrated Device Technology STAC9271 Datasheet HTML 171Page - Integrated Device Technology STAC9271 Datasheet HTML 172Page - Integrated Device Technology STAC9271 Datasheet HTML 173Page - Integrated Device Technology STAC9271 Datasheet HTML 174Page - Integrated Device Technology STAC9271 Datasheet HTML 175Page - Integrated Device Technology STAC9271 Datasheet HTML 176Page - Integrated Device Technology STAC9271 Datasheet HTML 177Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
173
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.26.6. InPort1Mux ConSelectCtrl
6.26.7. InPort1Mux ConLstEntry0
6.26.8. InPort1Mux ConLstEntry4
Table 414. InPort1Mux ConSelectCtrl
Command Verb Format
Verb ID
Payload
Response
Get
F01
00
See bitfield table.
Set1
701
See bits [7:0] of bitfield table.
0000_0000h
Table 415. InPort1Mux ConSelectCtrl
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:4]
Rsvd
R
0x0
Reserved
[3.:0]
Index
RW
0x0
Connection select control index. (Default = Port E)
Table 416. InPort1Mux ConLstEntry0
Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table.
Table 417. InPort1Mux ConLstEntry0
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL3
R
0x0B
Port B
[23.:16]
ConL2
R
0x0F
Port F
[15.:8]
ConL1
R
0x12
CD In
[7.:0]
ConL0
R
0x0E
Port E (default)
Table 418. InPort1Mux ConLstEntry4
Command Verb Format
Verb ID
Payload
Response
Get
F02
04
See bitfield table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com