Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 187 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 187 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 183Page - Integrated Device Technology STAC9271 Datasheet HTML 184Page - Integrated Device Technology STAC9271 Datasheet HTML 185Page - Integrated Device Technology STAC9271 Datasheet HTML 186Page - Integrated Device Technology STAC9271 Datasheet HTML 187Page - Integrated Device Technology STAC9271 Datasheet HTML 188Page - Integrated Device Technology STAC9271 Datasheet HTML 189Page - Integrated Device Technology STAC9271 Datasheet HTML 190Page - Integrated Device Technology STAC9271 Datasheet HTML 191Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
187
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.30.3. ADATOut CnvtrID
6.30.4. ADATOut DigCnvtr
[5]
Stripe
R
0x0
No support for striping
[4]
FormatOvrd
R
0x0
No format info; use default format parameters from Audio
Function node instead
[3]
AmpParOvrd
R
0x0
No amplifier info; use default amplifier parameters from
Audio Function node instead
[2]
OutAmpPrsnt
R
0x0
No output amp
[1]
InAmpPrsnt
R
0x0
No input amp
[0]
Stereo
R
0x1
Stereo widget
Table 460. ADATOut CnvtrID
Command Verb Format
Verb ID
Payload
Response
Get
F06
00
See bitfield table.
Set1
706
See bits [7:0] of bitfield table.
0000_0000h
Table 461. ADATOut CnvtrID
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd
R
0x0
Reserved
[7.:4]
Strm
RW
0x0
Software-programmable integer representing link stream ID
used by the converter widget. By convention stream 0 is
reserved as unused.
[3.:0]
Ch
R
0x0
N/A in ADAT mode.
Table 462. ADATOut DigCnvtr
Command Verb Format
Verb ID
Payload
Response
Get
F0D
00
See bitfield table.
Table 459. ADATOut WCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com