Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 189 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 189 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 185Page - Integrated Device Technology STAC9271 Datasheet HTML 186Page - Integrated Device Technology STAC9271 Datasheet HTML 187Page - Integrated Device Technology STAC9271 Datasheet HTML 188Page - Integrated Device Technology STAC9271 Datasheet HTML 189Page - Integrated Device Technology STAC9271 Datasheet HTML 190Page - Integrated Device Technology STAC9271 Datasheet HTML 191Page - Integrated Device Technology STAC9271 Datasheet HTML 192Page - Integrated Device Technology STAC9271 Datasheet HTML 193Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
189
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.31. VolumeKnob Node (NID = 0x24)
6.31.1. VolumeKnob WCap
[4]
ADATFRMT
RW
0x0
ADAT Sample Split Format Select 1: U user bits U3 and U2 in
the transmitted ADAT stream are supplied by bits 3:2 of this
verb (field ADAT), under software control. 0: U user bits U3
and U2 in the transmitted ADAT stream are controlled
automatically by hardware, derived according to the
sample-rate of the outgoing audio stream. Hardware support is
provided for the transfer of double- and quad-rate data
streams over the 48 KHz (nominal) 8-channel ADAT interface.
Two 2-channel (stereo) streams or one 4-channel audio
stream at double-rate or one 2-channel stream at quad-rate
will be sample-split over the appropriate ADAT channels. For
each mode, the ADAT channels are listed in the order of arrival
of the corresponding audio sample: ADAT_2CH_SGL C0,C1
(C2-C7 zero padded) ADAT_2CH_DBL C0,C2,C1,C3 (C4-C7
zero padded) ADAT_2CH_QUAD C0,C4,C1,C5,C2,C6,C3,C7
ADAT_4CH_SGL C0,C1,C2,C3 (C4-C7 zero padded)
ADAT_4CH_DBL C0,C2,C4,C6,C1,C3,C5,C7
ADAT_8CH_SGL C0,C1,C2,C3,C4,C5,C6,C7
[3.:0]
ADAT
RW
0x0
ADAT Lightpipe Control Used in conjunction with the ADAT
Sample Rate in the stream converter to generate the 4 bit
ADAT control signals. ADAT0 (U0): Time Code FLAG ADAT1
(U1): MIDI FLAG ADAT2 (U2): 0 = 44.1/48 KHz audio (1X
operation) 1 = 88.2/96 KHz audio (2X operation) ADAT3 (U3):
1 = 176.4/192 KHz audio (4x operation) User bits U0 and U1
are always under software control. User bits U2 and U3 are
also under software control if ADATFRMT is set. If ADATFRMT
= 0, then bits 3:2 here are ignored and the bits transmitted as
U3:U2 are controlled by hardware according to the
sample-rate of the data stream.
Table 466. VolumeKnob WCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table.
Table 465. ADATOut VCSR0
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com