Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 198 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 198 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 194Page - Integrated Device Technology STAC9271 Datasheet HTML 195Page - Integrated Device Technology STAC9271 Datasheet HTML 196Page - Integrated Device Technology STAC9271 Datasheet HTML 197Page - Integrated Device Technology STAC9271 Datasheet HTML 198Page - Integrated Device Technology STAC9271 Datasheet HTML 199Page - Integrated Device Technology STAC9271 Datasheet HTML 200Page - Integrated Device Technology STAC9271 Datasheet HTML 201Page - Integrated Device Technology STAC9271 Datasheet HTML 202Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
198
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.33.3. InPort1Vol InAmpRight
6.33.4. InPort1Vol InAmpLeft
6.33.5. InPort1Vol ConLstEntry
Table 496. InPort1Vol InAmpRight
Command Verb Format
Verb ID
Payload
Response
Get
B00
00
See bitfield table.
Set1
350
See bits [7:0] of bitfield table.
0000_0000h
Table 497. InPort1Vol InAmpRight
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:4]
Rsvd1
R
0x0
Reserved
[3.:0]
Gain
RW
0x0
Amplifier gain step number
Table 498. InPort1Vol InAmpLeft
Command Verb Format
Verb ID
Payload
Response
Get
B20
00
See bitfield table.
Set1
360
See bits [7:0] of bitfield table.
0000_0000h
Table 499. InPort1Vol InAmpLeft
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:4]
Rsvd1
R
0x0
Reserved
[3.:0]
Gain
RW
0x0
Amplifier gain step number
Table 500. InPort1Vol ConLstEntry
Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com