Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 201 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 201 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 197Page - Integrated Device Technology STAC9271 Datasheet HTML 198Page - Integrated Device Technology STAC9271 Datasheet HTML 199Page - Integrated Device Technology STAC9271 Datasheet HTML 200Page - Integrated Device Technology STAC9271 Datasheet HTML 201Page - Integrated Device Technology STAC9271 Datasheet HTML 202Page - Integrated Device Technology STAC9271 Datasheet HTML 203Page - Integrated Device Technology STAC9271 Datasheet HTML 204Page - Integrated Device Technology STAC9271 Datasheet HTML 205Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
201
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.34.4. InPort2Vol InAmpLeft
6.34.5. InPort2Vol ConLstEntry
Table 507. InPort2Vol InAmpRight
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:4]
Rsvd1
R
0x0
Reserved
[3.:0]
Gain
RW
0x0
Amplifier gain step number
Table 508. InPort2Vol InAmpLeft
Command Verb Format
Verb ID
Payload
Response
Get
B20
00
See bitfield table.
Set1
360
See bits [7:0] of bitfield table.
0000_0000h
Table 509. InPort2Vol InAmpLeft
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:4]
Rsvd1
R
0x0
Reserved
[3.:0]
Gain
RW
0x0
Amplifier gain step number
Table 510. InPort2Vol ConLstEntry
Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table.
Table 511. InPort2Vol ConLstEntry
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL3
R
0x00
No Connection
[23.:16]
ConL2
R
0x00
No Connection
[15.:8]
ConL1
R
0x00
No Connection
[7.:0]
ConL0
R
0x17
InPort2Mux widget



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com